Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5425-PLSW Datasheet(PDF) 55 Page - ATMEL Corporation

Part # ATA5425-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5425-PLSW Datasheet(HTML) 55 Page - ATMEL Corporation

Back Button ATA5425-PLSW Datasheet HTML 51Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 52Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 53Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 54Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 55Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 56Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 57Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 58Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 59Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 100 page
background image
55
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
Figure 9-2.
Flow Chart Polling Mode/RX Mode (T_MODE = 1, Transparent Mode Active)
Start RX Mode
Start RX Polling Mode
Start-up PLL:
The PLL is enabled and locked.
Output level on pin RX_ACTIVE
⇒ High; I
S = IStartup_PLL_X; IStartup_PLL
Start-up signal processing:
The signal processing circuit are enabled.
Output level on pin RX_ACTIVE
⇒ High; I
S = IRX_X; TStartup_Sig_proc
The incomming data stream is analyzed. If the timing indicates a valid transmitter signal,
the control bits VSOUT_EN, CLK_ON and OPM0 are set to 1 and the transceiver is set to
receiving mode. Otherwise the transceiver is set to Sleep mode
(if OPM0 = 0 and T
Sleep > 0) or stays in Bit-check mode.
Output level on pin RX_ACTIVE
⇒ High
Bit-check mode:
Sleep:
Defined by bits Sleep 0 to Sleep 4 in Control
Register 4
798.5
× T
DCLK (typ)
T
Startup_PLL:
(BR_Range 0)
Is defined by the selected baud rate range and
T
DCLK .The baud-rate range is defined by bit
Baud 0 and Baud 1 in Control Register 6.
If the bit check is ok, T
Bit-check depends on the
number of bits to be checked (N
Bit-check) and
on the utilized data rate.
882
× T
DCLK
(BR_Range 1)
498
× T
DCLK
(BR_Range 2)
306
× T
DCLK
(BR_Range 3)
210
× T
DCLK
T
Startup_Sig_Proc:
Defined by bit XSleep in Control register 4
Basic clock cycle
T
DCLK:
X
Sleep:
Depends on the result of the bit check.
T
Bit-check:
All circuits for analog signal processing are disabled. Only XTO and Polling logic is enabled.
Output level on pin RX_ACTIVE
⇒ Low; I
S = IIDLE_X
T
Sleep = Sleep × 1024 × TDCLK × XSleep
Sleep mode:
Start-up mode:
Bit check
OK ?
NO
YES
YES
YES
NO
NO
Set VSOUT_EN = 1
Set CLK_ON = 1
Set OPM0 = 1
T
SLEEP = 0
?
OPM0 = 1
?
I
S = IRX_X; TBit-check
The incomming data stream is passed via PIN SDO_TMDO to the connected
microcontroller. If an bit error occurs the transceiver is not set back to Start-up mode.
Output level on pin RX_ACTIVE
⇒ High
Receiving mode:
Level on pin
CS = Low ?
YES
NO
RX data stream
available on pin
SDO_TMDO
I
S = IRX_X
If the bit check fails, the average time period for
that check despends on the selected bit-rate
range and on T
XDCLK. The bit-rate range is
defined by bit Baud 0 and Baud 1 in Control
Register 6.
If in FSK mode the datastream is interrupted the
FSK-Demodulator-PLL tends to lock out and is
further not able to lock in, even there is a valid
data stream available.
In this case the transceiver must be set back to
IDLE mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com