Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5425-PLSW Datasheet(PDF) 20 Page - ATMEL Corporation

Part # ATA5425-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5425-PLSW Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button ATA5425-PLSW Datasheet HTML 16Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 17Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 18Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 19Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 20Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 21Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 22Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 23Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 100 page
background image
20
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
Figure 3-9.
FSK-modulated TX Spectrum (433.92 MHz/20 Kbit/s/±16.17 kHz/Manchester Code)
3.12
Output Power Setting and PA Matching at RF_OUT
The Power Amplifier (PA) is a single-ended open collector stage which delivers a current pulse
which is nearly independent of supply voltage, temperature and tolerances due to band gap sta-
bilization. Resistor R
1, see Figure 3-10 on page 21, sets a reference current which controls the
current in the PA. A higher resistor value results in a lower reference current, a lower output
power and a lower current consumption of the PA. The usable range of R
1 is 15 kΩ to 56 kΩ. Pin
PWR_H switches the output power range between about 0 dBm to 5 dBm (PWR_H = GND) and
5 dBm to 10 dBm (PWR_H = AVCC) by multiplying this reference current by a factor 1
(PWR_H = GND) and 2.5 (PWR_H = AVCC), which corresponds to about 5 dB more output
power.
If the PA is switched off in TX mode, the current consumption without output stage with
VS1 = VS2 = 3 V, T
amb = 25°C is typically 6.5 mA for 868.3 MHz and 6.95 mA for 315 MHz and
433.92 MHz.
The maximum output power is achieved with optimum load resistances R
Lopt according to Table
3-7 on page 22 with compensation of the 1.0 pF output capacitance of the RF_OUT pin by
absorbing it into the matching network consisting of L
1, C1, C3 as shown in Figure 3-10 on page
21. There must also be a low resistive DC path to AVCC to deliver the DC current of the power
amplifier's last stage. The matching of the PA output was done with the circuit shown in Figure
3-10 on page 21 with the values in Table 3-7 on page 22. Note that value changes of these ele-
ments may be necessary to compensate for individual board layouts.
Span 1 MHz
Sweep 27.5 ms (401 pts)
Center 433.92 MHz
VBW 10 kHz
Res BW 10 kHz
Atten 20 dB
VAvg
50
S3 FC
W1 S2
Ref 10 dB
Samp
Log
dB/
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com