Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5425-PLSW Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATA5425-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5425-PLSW Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATA5425-PLSW Datasheet HTML 9Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 10Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 11Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 12Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 13Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 14Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 15Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 16Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 100 page
background image
13
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
Figure 3-2.
Measured Sensitivity 433.92 MHz/FSK/20 Kbit/s/±16 kHz/Manchester versus
Frequency Offset, Temperature and Supply Voltage
As can be seen in Figure 3-2 on page 13 the supply voltage has almost no influence. The tem-
perature has an influence of about +1.5/–0.7 dB, and a frequency offset of ±65 kHz also
influences by about ±1 dB. All these influences, combined with the sensitivity of a typical IC, are
then within a range of –103.7 dBm and –107.3 dBm over temperature, supply voltage and fre-
quency offset which is –105.5 dBm ±1.8dB. The integrated IF filter has an additional production
tolerance of only ±7 kHz, hence, a frequency offset between the receiver and the transmitter of
±58 kHz can be accepted for XTAL and XTO tolerances.
Note:
For the demodulator used in the ATA5423/ATA5425, the tolerable frequency offset does not
change with the data frequency, hence, the value of ±58 kHz is valid for up to 1
Kbit/s.
This small sensitivity spread over supply voltage, frequency offset and temperature is very
unusual in such a receiver. It is achieved by an internal, very fast and automatic frequency cor-
rection in the FSK demodulator after the IF filter, which leads to a higher system margin. This
frequency correction tracks the input frequency very quickly; if, however, the input frequency
makes a larger step (for example, if the system changes between different communication part-
ners), the receiver has to be restarted. This can be done by switching back to IDLE mode and
then again to RX mode. For that purpose, an automatic mode is also available. This automatic
mode switches to IDLE mode and back into RX mode every time a bit error occurs. (See “Digital
Control Logic” on page 36.)
-109
-108
-107
-106
-105
-104
-103
-102
-101
-100
-99
-98
-97
-96
-95
-110
-60
40
60
100
80
-40
-80
-100
0
Frequency Offset (kHz)
20
-20
VS = 3.0V Tamb = -40°C
VS = 3.6V Tamb = -40°C
VS = 3.0V Tamb = +25°C
VS = 3.6V Tamb = +25°C
VS = 2.4V Tamb = +105°C
VS = 3.0V Tamb = +105°C
VS = 3.6V Tamb = +105°C
VS = 2.4V Tamb = +25°C
VS = 2.4V Tamb = -40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com