Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5425-PLSW Datasheet(PDF) 49 Page - ATMEL Corporation

Part # ATA5425-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5425-PLSW Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button ATA5425-PLSW Datasheet HTML 45Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 46Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 47Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 48Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 49Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 50Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 51Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 52Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 100 page
background image
49
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
8.
Transceiver Configuration
The configuration of the transceiver takes place via a 4-wire serial interface (CS, SCK,
SDI_TMDI, SDO_TMDO) and is organized in 8-bit units. The configuration is initiated with an
8-bit command. While shifting the command into pin SDI_TMDI, the number of bytes in the
TX/RX data buffer are available on pin SDO_TMDO. The read and write commands are followed
by one or more 8-bit data units. Each 8-bit data transmission begins with the MSB. The serial
interface is in the reset state if the level on pin CS = Low.
8.1
Command: Read TX/RX Data Buffer
During a RX operation, the user can read the received bytes in the TX/RX data buffer
successively.
Figure 8-1.
Read TX/RX Data Buffer
8.2
Command: Write TX/RX Data Buffer
During a TX operation the user can write the bytes in the TX/RX data buffer successively. An
echo of the command and the TX data bytes are provided for the microcontroller on pin
SDO_TMDO.
Figure 8-2.
Write TX/RX Data Buffer
8.3
Command: Read Control/Status Register
The control and status registers can be read individually or successively.
Figure 8-3.
Read Control/Status Register
SCK
CS
SDO_TMDO
SDI_TMDI
RX Data Byte 1
RX Data Byte 1
No. Bytes in the TX/RX Data Buffer
Command: Read TX/RX Data Buffer
X
MSB
MSB
LSB
LSB
LSB
MSB
X
SCK
CS
SDO_TMDO
SDI_TMDI
TX Data Byte 1
Write TX/RX Data Buffer
No. Bytes in the TX/RX Data Buffer
Command: Write TX/RX Data Buffer
TX Data Byte 1
MSB
MSB
LSB
LSB
LSB
MSB
TX Data Byte 2
SCK
CS
SDO_TMDO
SDI_TMDI
Data C/S Register X
Data C/S Register Y
No. Bytes in the TX/RX Data Buffer
Command: Read C/S Register X
MSB
MSB
LSB
LSB
LSB
MSB
Command: Read C/S Register Z
Command: Read C/S Register Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com