Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5425-PLSW Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATA5425-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5425-PLSW Datasheet(HTML) 1 Page - ATMEL Corporation

  ATA5425-PLSW Datasheet HTML 1Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 2Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 3Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 4Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 5Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 6Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 7Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 8Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 100 page
background image
Features
• Multi Channel Half-duplex Transceiver with Approximately ±2.5 MHz Programmable
Tuning Range
• High FSK Sensitivity: –106 dBm at 20 Kbit/s/–109.5 dBm at 2.4 Kbit/s (433.92 MHz)
• High ASK Sensitivity: –112.5 dBm at 10 Kbit/s/–116.5 dBm at 2.4 Kbit/s (433.92 MHz)
• Low Supply Current: 10.5 mA in RX and TX Mode (3V/TX with 5 dBm)
• Data Rate: 1 to 20 Kbit/s Manchester FSK, 1 to 10 Kbit/s Manchester ASK
• ASK/FSK Receiver Uses a Low-IF Architecture with High Selectivity, Blocking, and Low
Intermodulation (Typical Blocking 55 dB at ±750 kHz/61 dB at ±1.5 MHz and
70 dB at ±10 MHz, System I1dBCP = –30 dBm/System IIP3 = –20 dBm)
• 226 kHz/237 kHz IF Frequency with 30 dB Image Rejection and 170 kHz Usable IF
Bandwidth
• Transmitter Uses Closed Loop Fractional-N Synthesizer for FSK Modulation with a
High PLL Bandwidth and an Excellent Isolation between PLL/VCO and PA
• Tolerances of XTAL Compensated by Fractional-N Synthesizer with 800 Hz RF
Resolution
• Integrated RX/TX-Switch, Single-ended RF Input and Output
• RSSI (Received Signal Strength Indicator)
• Communication to Microcontroller with SPI Interface Working at Maximum 500 kBit/s
• Configurable Self Polling and RX/TX Protocol Handling with FIFO-RAM Buffering of
Received and Transmitted Data
• 5 Push Button Inputs and One Wake-up Input are Active in Power-down Mode
• Integrated XTAL Capacitors
• PA Efficiency: up to 38% (433.92 MHz/10 dBm/3V)
• Low In-band Sensitivity Change of Typically ±1.8 dB within ±58 kHz Center Frequency
Change in the Complete Temperature and Supply Voltage Range
• Supply Voltage Switch, Supply Voltage Regulator, Reset Generation, Clock/Interrupt
Generation and Low Battery Indicator for Microcontroller
• Fully Integrated PLL with Low Phase Noise VCO, PLL Loop Filter and Full Support of
Multi-channel Operation with Arbitrary Channel Distance Due to Fractional-N
Synthesizer
• Sophisticated Threshold Control and Quasi-peak Detector Circuit in the Data Slicer
• Power Management via Different Operation Modes
• 315 MHz, 345 MHz, 433.92 MHz, 868.3 MHz and 915 MHz without External VCO and PLL
Components
• Inductive Supply with Voltage Regulator if Battery is Empty (AUX Mode)
• Efficient XTO Start-up Circuit (> –1.5 k
Ω Worst Case Real Start-up Impedance)
• Changing of Modulation Type ASK/FSK and Data Rate without Component Changes
• Minimal External Circuitry Requirements for Complete System Solution
• Adjustable Output Power: 0 to 10 dBm Adjusted and Stabilized with External Resistor
• ESD Protection at all Pins (1.5 kV HBM, 200V MM, 1 kV FCDM)
• Supply Voltage Range: 2.4V to 3.6V or 4.4V to 6.6V
• Temperature Range: –40°C to +85°C
• Small 7
× 7 mm QFN48 Package
UHF ASK/FSK
Transceiver
ATA5423
ATA5425
ATA5428
ATA5429
4841D–WIRE–10/07


Similar Part No. - ATA5425-PLSW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5425-PLHW ATMEL-ATA5425-PLHW Datasheet
935Kb / 97P
UHF ASK/FSK Transceiver
ATA5425-PLUW ATMEL-ATA5425-PLUW Datasheet
935Kb / 97P
UHF ASK/FSK Transceiver
More results

Similar Description - ATA5425-PLSW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5811 ATMEL-ATA5811 Datasheet
1Mb / 90P
UHF ASK/FSK TRANSCEIVER
ATA5823 ATMEL-ATA5823 Datasheet
1Mb / 98P
UHF ASK/FSK Transceiver
ATA5811 ATMEL-ATA5811_06 Datasheet
1Mb / 92P
UHF ASK/FSK TRANSCEIVER
ATA5423 ATMEL-ATA5423_06 Datasheet
1Mb / 100P
UHF ASK/FSK Transceiver
ATA5823 ATMEL-ATA5823_14 Datasheet
2Mb / 82P
UHF ASK/FSK Transceiver
ATA5830 ATMEL-ATA5830_14 Datasheet
862Kb / 24P
UHF ASK/FSK Transceiver
ATA5830N ATMEL-ATA5830N_14 Datasheet
862Kb / 24P
UHF ASK/FSK Transceiver
ATA8510 ATMEL-ATA8510_14 Datasheet
898Kb / 22P
UHF ASK/FSK Transceiver
ATA5830 ATMEL-ATA5830 Datasheet
1,001Kb / 27P
UHF ASK/FSK Transceiver
ATA8510 ATMEL-ATA8510 Datasheet
1Mb / 40P
UHF ASK/FSK Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com