Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5425-PLSW Datasheet(PDF) 52 Page - ATMEL Corporation

Part # ATA5425-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5425-PLSW Datasheet(HTML) 52 Page - ATMEL Corporation

Back Button ATA5425-PLSW Datasheet HTML 48Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 49Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 50Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 51Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 52Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 53Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 54Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 55Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 56Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 100 page
background image
52
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
9.
Operation Modes
9.1
RX Operation
The transceiver is set to RX operation with the bits OPM0 and OPM1 in control register 1.
The transceiver is designed to consume less than 1 mA in RX operation while remaining sensi-
tive to signals from a corresponding transmitter. This is achieved via the polling circuit. This
circuit enables the signal path periodically for a short time. During this time the bit-check logic
verifies the presence of a valid transmitter signal. Only if a valid signal is detected does the
transceiver remain active and transfer the data to the connected microcontroller. This transfer
takes place either via the TX/RX data buffer or via the pin SDO_TMDO. When there is no valid
signal present, the transceiver is in sleep mode most of the time, resulting in low current con-
sumption. This condition is called RX polling mode. A connected microcontroller can be disabled
during this time.
All relevant parameters of the polling logic can be configured by the connected microcontroller.
This flexibility enables the user to meet the specifications in terms of current consumption, sys-
tem response time, data rate, etc.
In RX mode the RF transceiver is enabled permanently and the bit-check logic verifies the pres-
ence of a valid transmitter signal. When a valid signal is detected the transceiver transfers the
data to the connected microcontroller. This transfer take place either via the TX/RX data buffer
or via the pin SDO_TMDO.
9.1.1
RX Polling Mode
When the transceiver is in RX polling mode it stays in a continuous cycle of three different
modes. In sleep mode the RF transceiver is disabled for the time period T
Sleep while consuming
low current of I
S = IIDLE_X. During the start-up period, TStartup_PLL and TStartup_Sig_Proc, all signal pro-
cessing circuits are enabled and settled. In the following bit-check mode, the incoming data
stream is analyzed bit by bit to see if it is a valid transmitter signal. If no valid signal is present,
the transceiver is set back to sleep mode after the period T
Bit-check. This period varies check by
check as it is a statistical process. An average value for T
Bit-check is given in the electrical charac-
teristics. During T
Startup_PLL the current consumption is IS = IStartup_PLL_X. During TStartup_Sig_Proc
and T
Bit-check the current consumption is IS = IRX_X. The condition of the transceiver is indicated
on pin RX_ACTIVE (see Figure 9-1 on page 54 and Figure 9-2 on page 55). The average cur-
rent consumption in RX polling mode I
P is different in 1 Li battery application (3V), 2 Li battery
application (6V) or Base-station Application (5V). To calculate I
P the index X must be replaced
by VS1,VS2 in 1 Li battery application (3V), VS2 in 2 Li battery application (6V) or VS2,VAUX in
Base-station Application (5V) (see section “Electrical Characteristics: General” on page 67).
Table 9-1.
Control Register 1
OPM1
OPM0
Function
1
0
RX polling mode
11
RX mode
I
P
I
IDLE_X
T
Sleep
I
Startup_PLL_X
T
×
Startup_PLL
I
RX_X
T
Startup_Sig_Proc
T
Bitcheck
+
()
×
++
×
T
Sleep
T
Startup_PLL
T
Startup_Sig_Proc
T
Bit_check
++
+
---------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com