Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5425-PLSW Datasheet(PDF) 91 Page - ATMEL Corporation

Part # ATA5425-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5425-PLSW Datasheet(HTML) 91 Page - ATMEL Corporation

Back Button ATA5425-PLSW Datasheet HTML 87Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 88Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 89Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 90Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 91Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 92Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 93Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 94Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 95Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 100 page
background image
91
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
16. Digital Timing Characteristics
All parameters refer to GND and are valid for T
amb =25°C. VVS1 =VS2 = 3.0V (1 Li battery application (3V)), VVS2 = 6.0V (2 Li battery
application (6V)) and VVS2 =5.0V (Base-station Application(5V)) unless otherwise specified.
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
12
Basic Clock Cycle of the Digital Circuitry
12.1
Basic clock cycle
TDCLK
16/fXTO
16/fXTO
µs
A
12.2
Extended basic clock
cycle
XLIM = 0
BR_Range_0
BR_Range_1
BR_Range_2
BR_Range_3
XLIM = 1
BR_Range_0
BR_Range_1
BR_Range_2
BR_Range_3
T
XDCLK
8
4
2
1
× T
DCLK
16
8
4
2
× T
DCLK
8
4
2
1
× T
DCLK
16
8
4
2
× T
DCLK
µs
A
13
RX Mode/RX Polling Mode
13.1
Sleep time
Sleep and XSleep are
defined in control
register 4
T
Sleep
Sleep
×
X
Sleep ×
1024
×
T
DCLK
Sleep
×
X
Sleep ×
1024
×
T
DCLK
ms
A
13.2
Start
-up PLL RX mode from IDLE mode
TStartup_PLL
798.5
×
TDCLK
798.5
×
TDCLK
µs
A
13.3
Start
-up signal
processing
BR_Range_0
BR_Range_1
BR_Range_2
BR_Range_3
T
Startup_Sig_Proc
882
498
306
210
× T
DCLK
882
498
306
210
× T
DCLK
A
13.4
Time for bit check
Average time during
polling. No RF signal
applied.
fSignal = 1/(2 × tee)
Signal data rate
Manchester
(Lim_min and Lim_max
up to ±50% of t
ee, see
Figure 9-4 on page 56)
Bit
-check time for a valid
input signal fSignal
NBit-check = 0
N
Bit-check = 3
NBit-check = 6
NBit-check = 9
TBit_check
3/f
Signal
6/fSignal
9/fSignal
1/fSignal
3.5/f
Signal
6.5/fSignal
9.5/fSignal
ms
C
13.5
Bit
-rate range
BR_Range =
BR_Range0
BR_Range1
BR_Range2
BR_Range3
BR_Range
1.0
2.0
4.0
8.0
2.5
5.0
10.0
20.0
Kbit/s
A
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com