Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5425-PLSW Datasheet(PDF) 42 Page - ATMEL Corporation

Part # ATA5425-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5425-PLSW Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button ATA5425-PLSW Datasheet HTML 38Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 39Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 40Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 41Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 42Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 43Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 44Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 45Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 100 page
background image
42
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
7.3.6
Control Register 6 (ADR 5)
Table 7-18.
Control Register 5 (Function of Bit 5, Bit 4, Bit 3, Bit 2, Bit 1 and Bit 0 in RX Mode)
Lim_min5
Lim_min4
Lim_min3
Lim_min2
Lim_min1
Lim_min0
Function (RX Mode)
Lim_min
(Lim_min < 10 are not applicable)
(TLim_min = Lim_min × TXDCLK)
00
10
1
0
10
00
10
1
1
11
...
...
01
00
0
0
16
(T
Lim_min = 16 × TXDCLK)
(default)
...
...
11
11
1
1
63
Table 7-19.
Control Register 5 (Function of Bit 5, Bit 4, Bit 3, Bit 2, Bit 1 and Bit 0 in TX Mode)
Lim_min5
Lim_min4
Lim_min3
Lim_min2
Lim_min1
Lim_min0
Function (TX Mode) Lim_min
(Lim_min < 10 are not applicable)
(TX_Bitrate = 1/((Lim_min + 1)
× T
XDCLK × 2)
001
010
10
001
011
11
...
...
010
000
16
(TX_Bitrate = 1/((16 + 1)
× T
XDCLK × 2)
(default)
...
...
111
111
63
Table 7-20.
Control Register 6 (Function of Bit 7 and Bit 6)
Baud1
Baud0
Function
00
Bit
-rate range 0 (B0) 1.0 Kbit/s to 2.5 Kbit/s;
TXDCLK = 8 × TDCLK × XLim
01
Bit
-rate range 1 (B1) 2.0 Kbit/s to 5.0 Kbit/s;
T
XDCLK = 4 × TDCLK × XLim
10
Bit
-rate range 2 (B2) 4.0 Kbit/s to 10.0 Kbit/s;
TXDCLK = 2 × TDCLK × XLim; (default)
11
Bit
-rate range 3 (B3) 8.0 Kbit/s to 20.0 Kbit/s;
TXDCLK = 1 × TDCLK × XLim
Note that the receiver does not work with >10 Kbit/s in ASK mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com