Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1308AI Datasheet(PDF) 7 Page - Linear Technology

Part # 1308AI
Description  High Current, Micropower Single Cell, 600kHz DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1308AI Datasheet(HTML) 7 Page - Linear Technology

Back Button 1308AI Datasheet HTML 3Page - Linear Technology 1308AI Datasheet HTML 4Page - Linear Technology 1308AI Datasheet HTML 5Page - Linear Technology 1308AI Datasheet HTML 6Page - Linear Technology 1308AI Datasheet HTML 7Page - Linear Technology 1308AI Datasheet HTML 8Page - Linear Technology 1308AI Datasheet HTML 9Page - Linear Technology 1308AI Datasheet HTML 10Page - Linear Technology 1308AI Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LT1308A/LT1308B
1308abfa
Figure 2a. LT1308A/LT1308B Block Diagram (SO-8 Package)
BLOCK DIAGRA S
–
+
–
+
–
+
–
+
+
+
Σ
COMPARATOR
RAMP
GENERATOR
R
BIAS
VC
2VBE
gm
Q2
×10
Q1
FB
FB
ENABLE
*HYSTERESIS IN LT1308A ONLY
200mV
A = 3
FF
A2
A1
Q4
*
ERROR
AMPLIFIER
A4
0.03
Ω
DRIVER
SW
GND
1308 BD2a
Q3
Q
S
600kHz
OSCILLATOR
5
LBO
LBI
SHDN
SHUTDOWN
3
7
1
4
R6
40k
R5
40k
R1
(EXTERNAL)
R3
30k
R4
140k
2
VIN
VIN
VIN
VOUT
6
8
R2
(EXTERNAL)
–
+
–
+
–
+
–
+
+
+
Σ
COMPARATOR
RAMP
GENERATOR
R
BIAS
VC
2VBE
gm
Q2
×10
Q1
FB
FB
ENABLE
*HYSTERESIS IN LT1308A ONLY
200mV
A = 3
FF
A2
A1
Q4
*
ERROR
AMPLIFIER
A4
0.03
Ω
DRIVER
SW
GND
1308 BD2b
Q3
Q
S
600kHz
OSCILLATOR
8
SW
9
SW
LBO
LBI
SHDN
SHUTDOWN
3
13
1
4
GND
5
GND
6
GND
7
R6
40k
R5
40k
R1
(EXTERNAL)
R3
30k
R4
140k
2
VIN
VIN
VIN
VIN
VOUT
11
12
14
R2
(EXTERNAL)
10
Figure 2b. LT1308A/LT1308B Block Diagram (TSSOP Package)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com