Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1308AI Datasheet(PDF) 16 Page - Linear Technology

Part # 1308AI
Description  High Current, Micropower Single Cell, 600kHz DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1308AI Datasheet(HTML) 16 Page - Linear Technology

Back Button 1308AI Datasheet HTML 12Page - Linear Technology 1308AI Datasheet HTML 13Page - Linear Technology 1308AI Datasheet HTML 14Page - Linear Technology 1308AI Datasheet HTML 15Page - Linear Technology 1308AI Datasheet HTML 16Page - Linear Technology 1308AI Datasheet HTML 17Page - Linear Technology 1308AI Datasheet HTML 18Page - Linear Technology 1308AI Datasheet HTML 19Page - Linear Technology 1308AI Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
LT1308A/LT1308B
1308abfa
TYPICAL APPLICATIO S
Triple Output TFTLCD Bias Supply
D1
D4
0.22
μF
L1
4.7
μH
65
2
4
3
1
VIN
SW
LT1308B
GND
VC
FB
SHDN
0.22
μF
220k
10.7k
1308 TA02
76.8k
C1
4.7
μF
VIN
5V
C2, C3
10
μF
×2
C6
1
μF
C5
1
μF
C4
1
μF
0.22
μF
AVDD
10V
500mA
VON
27V
15mA
VOFF
–9V
10mA
100pF
D3
D2
C1:TAIYO-YUDEN JMK212BJ475MG
C2, C3:TAIYO-YUDEN LMK325BJ106MN
C4, C5, C6:TAIYO-YUDEN EMK212BJ105MG
D1: MBRM120
D2,D3,D4: BAT54S
L1: TOKO 817FY-4R7M
AVDD
500mV/DIV
VON
500mV/DIV
VOFF
500mV/DIV
100
μs/DIV
ILOAD
800mA
200mA
TFTLCD Bias Supply Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com