Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1308AI Datasheet(PDF) 11 Page - Linear Technology

Part # 1308AI
Description  High Current, Micropower Single Cell, 600kHz DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1308AI Datasheet(HTML) 11 Page - Linear Technology

Back Button 1308AI Datasheet HTML 7Page - Linear Technology 1308AI Datasheet HTML 8Page - Linear Technology 1308AI Datasheet HTML 9Page - Linear Technology 1308AI Datasheet HTML 10Page - Linear Technology 1308AI Datasheet HTML 11Page - Linear Technology 1308AI Datasheet HTML 12Page - Linear Technology 1308AI Datasheet HTML 13Page - Linear Technology 1308AI Datasheet HTML 14Page - Linear Technology 1308AI Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LT1308A/LT1308B
1308abfa
APPLICATIONS INFORMATION
SHDN PIN
The LT1308A/LT1308B SHDN pin is improved over the
LT1308. The pin does not require tying to VIN to enable the
device, but needs only a logic level signal. The voltage on
the SHDN pin can vary from 1V to 10V independent of VIN.
Further, floating this pin has the same effect as grounding,
which is to shut the device down, reducing current drain
to 1
μA or less.
LOW-BATTERY DETECTOR
The low-battery detector on the LT1308A/LT1308B fea-
tures improved accuracy and drive capability compared to
the LT1308. The 200mV reference has an accuracy of
±2%
and the open-collector output can sink 50
μA.TheLT1308A/
LT1308B low-battery detector is a simple PNP input gain
stage with an open-collector NPN output. The negative
input of the gain stage is tied internally to a 200mV
reference. The positive input is the LBI pin. Arrangement
as a low-battery detector is straightforward. Figure 10
details hookup. R1 and R2 need only be low enough in
value so that the bias current of the LBI pin doesn’t cause
large errors. For R2, 100k is adequate. The 200mV refer-
ence can also be accessed as shown in Figure 11.
LBO
LBI
TO PROCESSOR
R1
100k
R2
100k
VIN
VBAT
LT1308A
LT1308B
1308 F10
5V
GND
200mV
INTERNAL
REFERENCE
–
+
R1 =
VLB – 200mV
2
μA
VIN
VBAT
LT1308A
LT1308B
LBI
LBO
200k
10
μF
GND
10k
1308 F11
2N3906
VREF
200mV
+
195
200
205
VLBI (mV)
1308 F12
VLBO
1V/DIV
Figure 12. Low-Battery Detector
Input/Output Characteristic
Figure 10. Setting Low-Battery Detector Trip Point
Figure 11. Accessing 200mV Reference
A cross plot of the low-battery detector is shown in
Figure 12. The LBI pin is swept with an input which varies
from 195mV to 205mV, and LBO (with a 100k pull-up
resistor) is displayed.
START-UP
The LT1308A/LT1308B can start up into heavy loads,
unlike many CMOS DC/DC converters that derive operat-
ing voltage from the output (a technique known as
“bootstrapping”). Figure 13 details start-up waveforms of
Figure 1’s circuit with a 20
Ω load and VIN of 1.5V. Inductor
current rises to 3.5A as the output capacitor is charged.
After the output reaches 5V, inductor current is about 1A.
In Figure 14, the load is 5
Ω and input voltage is 3V. Output
voltage reaches 5V in 500
μs after the device is enabled.
Figure 15 shows start-up behavior of Figure 5’s SEPIC
circuit, driven from a 9V input with a 10
Ω load. The output
reaches 5V in about 1ms after the device is enabled.
VOUT
2V/DIV
IL1
1A/DIV
VSHDN
5V/DIV
1ms/DIV
1308 F13
Figure 13. 5V Boost Converter of Figure 1.
Start-Up from 1.5V Input into 20
Ω Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com