Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1308AI Datasheet(PDF) 10 Page - Linear Technology

Part # 1308AI
Description  High Current, Micropower Single Cell, 600kHz DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1308AI Datasheet(HTML) 10 Page - Linear Technology

Back Button 1308AI Datasheet HTML 6Page - Linear Technology 1308AI Datasheet HTML 7Page - Linear Technology 1308AI Datasheet HTML 8Page - Linear Technology 1308AI Datasheet HTML 9Page - Linear Technology 1308AI Datasheet HTML 10Page - Linear Technology 1308AI Datasheet HTML 11Page - Linear Technology 1308AI Datasheet HTML 12Page - Linear Technology 1308AI Datasheet HTML 13Page - Linear Technology 1308AI Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LT1308A/LT1308B
1308abfa
Figure 9. Recommended Component Placement for SEPIC
Figure 8. SEPIC (Single-Ended Primary
Inductance Converter) Converts 3V to 10V
Input to a 5V/500mA Regulated Output
APPLICATIONS INFORMATION
1
2
14
13
3
4
12
11
10
5
6
7
9
8
L1
C2
D1
LBO
LBI
LT1308A
LT1308B
VOUT
VIN
GND
SHUTDOWN
R1
R2
MULTIPLE
VIAs
GROUND PLANE
1308 F07
+
C1
+
A SEPIC (Single-Ended Primary Inductance Converter)
schematic is shown in Figure 8. This converter topology
produces a regulated output over an input voltage range
that spans (i.e., can be higher or lower than) the output.
Recommended component placement for an SO-8 pack-
age SEPIC is shown in Figure 9.
1
2
8
7
3
4
6
5
C3
L1A
L1B
D1
LBO
LBI
LT1308A
LT1308B
VOUT
VIN
GND
SHUTDOWN
R1
R2
GROUND PLANE
1308 F09
MULTIPLE
VIAs
+
C2
C1
+
VIN
SW
FB
LT1308B
L1A
CTX10-2
L1B
D1
47k
R2
100k
R1
309k
680pF
1308A/B F08
C1
47
μF
C3
220
μF
6.3V
C2
4.7
μF
CERAMIC
VOUT
5V
500mA
VIN
3V TO
10V
VC
GND
SHDN
SHUTDOWN
C1: AVX TAJC476M016
C2: TAIYO YUDEN EMK325BJ475(X5R)
C3: AVX TPSD227M006
+
+
D1: IR 10BQ015
L1: COILTRONICS CTX10-2
Figure 7. Recommended Component
Placement for TSSOP Boost Converter.
Placement is Similar to Figure 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com