Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1308AI Datasheet(PDF) 4 Page - Linear Technology

Part # 1308AI
Description  High Current, Micropower Single Cell, 600kHz DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1308AI Datasheet(HTML) 4 Page - Linear Technology

  1308AI Datasheet HTML 1Page - Linear Technology 1308AI Datasheet HTML 2Page - Linear Technology 1308AI Datasheet HTML 3Page - Linear Technology 1308AI Datasheet HTML 4Page - Linear Technology 1308AI Datasheet HTML 5Page - Linear Technology 1308AI Datasheet HTML 6Page - Linear Technology 1308AI Datasheet HTML 7Page - Linear Technology 1308AI Datasheet HTML 8Page - Linear Technology 1308AI Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LT1308A/LT1308B
1308abfa
TYPICAL PERFORMANCE CHARACTERISTICS
LT1308B
3.3V Output Efficiency
LT1308A
5V Output Efficiency
LT1308A
3.3V Output Efficiency
Note 4: Switch current limit guaranteed by design and/or correlation to
static tests. Duty cycle affects current limit due to ramp generator (see
Block Diagram).
Note 5: Bias current flows out of LBI pin.
Note 6: Connect the four GND pins (Pins 4–7) together at the device.
Similarly, connect the three SW pins (Pins 8–10) together and the two VIN
pins (Pins 11, 12) together at the device.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT1308ACS8, LT1308ACF, LT1308BCS8 and LT1308BCF are
designed, characterized and expected to meet the industrial temperature
limits, but are not tested at – 40
°C and 85°C. I grade devices are
guaranteed over the –40
°C to 85°C operating temperature range.
Note 3: Bias current flows into FB pin.
LOAD CURRENT (mA)
95
90
85
80
75
70
65
60
55
50
1
100
1000
1308A/B G01
10
VIN = 1.8V
VIN = 2.5V
VIN = 1.2V
LOAD CURRENT (mA)
95
90
85
80
75
70
65
60
55
50
1
100
1000
1308A/B G02
10
VIN = 1.8V
VIN = 2.5V
VIN = 1.2V
LOAD CURRENT (mA)
1
95
90
85
80
75
70
65
60
55
50
10
100
1000
1308A/B G03
VIN = 4.2V
VIN = 2.5V
VIN = 3.6V
VIN = 1.5V
ELECTRICAL CHARACTERISTICS The ● denotes specifications which apply over the full operating temperature
range, otherwise specifications are TA = 25°C. Industrial Grade – 40°C to 85°C. VIN = 1.2V, VSHDN = VIN, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fOSC
Switching Frequency
●
500
600
750
kHz
Maximum Duty Cycle
●
82
90
%
Switch Current Limit
Duty Cyle = 30% (Note 4)
2
3
4.5
A
Switch VCESAT
ISW = 2A (25°C, – 40°C), VIN = 1.5V
290
350
mV
ISW = 2A (85°C), VIN = 1.5V
330
400
mV
Burst Mode Operation Switch Current Limit
VIN = 2.5V, Circuit of Figure 1
400
mA
(LT1308A)
Shutdown Pin Current
VSHDN = 1.1V
●
2
5
μA
VSHDN = 6V
●
20
35
μA
VSHDN = 0V
0.01
0.1
μA
LBI Threshold Voltage
196
200
204
mV
●
193
200
207
mV
LBO Output Low
ISINK = 50μA
●
0.1
0.25
V
LBO Leakage Current
VLBI = 250mV, VLBO = 5V
●
0.01
0.1
μA
LBI Input Bias Current (Note 5)
VLBI = 150mV
33
100
nA
Low-Battery Detector Gain
3000
V/V
Switch Leakage Current
VSW = 5V
●
0.01
10
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com