Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1308AI Datasheet(PDF) 20 Page - Linear Technology

Part # 1308AI
Description  High Current, Micropower Single Cell, 600kHz DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1308AI Datasheet(HTML) 20 Page - Linear Technology

Back Button 1308AI Datasheet HTML 12Page - Linear Technology 1308AI Datasheet HTML 13Page - Linear Technology 1308AI Datasheet HTML 14Page - Linear Technology 1308AI Datasheet HTML 15Page - Linear Technology 1308AI Datasheet HTML 16Page - Linear Technology 1308AI Datasheet HTML 17Page - Linear Technology 1308AI Datasheet HTML 18Page - Linear Technology 1308AI Datasheet HTML 19Page - Linear Technology 1308AI Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LT1308A/LT1308B
1308abfa
PART NUMBER
DESCRIPTION
COMMENTS
LT1302
High Output Current Micropower DC/DC Converter
5V/600mA from 2V, 2A Internal Switch, 200
μA IQ
LT1304
2-Cell Micropower DC/DC Converter
5V/200mA, Low-Battery Detector Active in Shutdown
LT1307/LT1307B Single Cell, Micropower, 600kHz PWM DC/DC Converters
3.3V at 75mA from One Cell, MSOP Package
LT1316
Burst Mode Operation DC/DC with Programmable Current Limit
1.5V Minimum, Precise Control of Peak Current Limit
LT1317/LT1317B Micropower, 600kHz PWM DC/DC Converters
100
μA IQ, Operate with VIN as Low as 1.5V
LTC
®1474
Micropower Step-Down DC/DC Converter
94% Efficiency, 10
μA IQ, 9V to 5V at 250mA
LTC1516
2-Cell to 5V Regulated Charge Pump
12
μA IQ, No Inudctors, 5V at 50mA from 3V Input
LTC1522
Micropower, 5V Charge Pump DC/DC Converter
Regulated 5V
±4% Output, 20mA from 3V Input
LT1610
Single-Cell Micropower DC/DC Converter
3V at 30mA from 1V, 1.7MHz Fixed Frequency
LT1611
Inverting 1.4MHz Switching Regulator in 5-Lead SOT-23
– 5V at 150mA from 5V Input, Tiny SOT-23 package
LT1613
1.4MHz Switching Regulator in 5-Lead SOT-23
5V at 200mA from 4.4V Input, Tiny SOT-23 package
LT1615
Micropower Step-Up DC/DC in 5-Lead SOT-23
20
μA IQ, 36V, 350mA Switch
LT1617
Micropower Inverting DC/DC Converter in SOT-23
VIN = 1V to 15V; VOUT to –34V
LTC1682
Doubler Charge Pump with Low Noise LDO
Adjustable or Fixed 3.3V, 5V Outputs, 60
μVRMS Output Noise
LT1949
600kHz, 1A Switch PWM DC/DC Converter
1.1A, 0.5
Ω, 30V Internal Switch, VIN as Low as 1.5V
LT1949-1
1.1MHz, 1A Switch DC/DC Converter
1.1MHz Version of LT1949
©LINEAR TECHNOLOGY CORPORATION 1999
LT 0807 REV A • PRINTED IN USA
RELATED PARTS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX:(408)434-0507 ● www.linear-tech.com
Li-Ion to 12V/300mA Step-Up DC/DC Converter
TYPICAL APPLICATIO
VIN
SW
FB
LT1308B
L1
4.7
μH
D1
47k
R2
100k
R1
887k
12V
300mA
330pF
1308A/B TA01
C1
47
μF
C2
100
μF
Li-Ion
CELL
VC
GND
SHDN
SHUTDOWN
C1: AVX TAJC476M010
C2: AVX TPSD107M016
D1: IR 10BQ015
+
+
L1: MURATA LQH6C4R7
2.7V TO 4.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com