Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1308AI Datasheet(PDF) 12 Page - Linear Technology

Part # 1308AI
Description  High Current, Micropower Single Cell, 600kHz DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1308AI Datasheet(HTML) 12 Page - Linear Technology

Back Button 1308AI Datasheet HTML 8Page - Linear Technology 1308AI Datasheet HTML 9Page - Linear Technology 1308AI Datasheet HTML 10Page - Linear Technology 1308AI Datasheet HTML 11Page - Linear Technology 1308AI Datasheet HTML 12Page - Linear Technology 1308AI Datasheet HTML 13Page - Linear Technology 1308AI Datasheet HTML 14Page - Linear Technology 1308AI Datasheet HTML 15Page - Linear Technology 1308AI Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
LT1308A/LT1308B
1308abfa
APPLICATIONS INFORMATION
when operating from a battery composed of alkaline
cells. The inrush current may cause sufficiency internal
voltage drop to trigger a low-battery indicator. A pro-
grammable soft-start can be implemented with 4 discrete
components. A 5V to 12V boost converter using the
LT1308B is detailed in Figure 16. C4 differentiates VOUT,
causing a current to flow into R3 as VOUT increases.
When this current exceeds 0.7V/33k, or 21
μA, current
flows into the base of Q1. Q1’s collector then pulls
current out the VC pin, creating a feedback loop where the
slope of VOUT is limited as follows:
Δ
Δ
V
t
V
kC
OUT =
07
33
4
.
•
With C4 = 33nF, VOUT/t is limited to 640mV/ms. Start-up
waveforms for Figure 16’s circuit are pictured in Figure
17. Without the soft-start circuit implemented, the inrush
current reaches 3A. The circuit reaches final output
voltage in approximately 250
μs. Adding the soft-start
components reduces inductor current to less than 1A, as
detailed in Figure 18, while the time required to reach final
output voltage increases to about 15ms. C4 can be
adjusted to achieve any output slew rate desired.
VIN
SW
LT1308B
GND
VC
FB
SHDN
+
330pF
100k
SHUTDOWN
SOFT-START
COMPONENTS
C1
47
μF
C4
33nF
Q1
R4
33k
R3
33k
VIN
5V
D1
L1
4.7
μH
VOUT
12V
500mA
C2
10
μF
CC
100pF
11.3k
RC
47k
10k
C1: AVX TAJ476M010
C2: TAIYO YUDEN TMK432BJ106MM
D1: IR 10BQ015
L1: MURATA LQH6C4R7
Q1: 2N3904
1308 F16
Figure 16. 5V to 12V Boost Converter with Soft-Start Components Q1, C4, R3 and R4.
Soft-Start
In some cases it may be undesirable for the LT1308A/
LT1308B to operate at current limit during start-up, e.g.,
VOUT
2V/DIV
500
μs/DIV
1308 F15
ISW
2A/DIV
VSHDN
5V/DIV
Figure 15. 5V SEPIC Start-Up from 9V Input into 10
Ω Load
VOUT
1V/DIV
IL1
2A/DIV
VSHDN
5V/DIV
500
μs/DIV
1308 F14
Figure 14. 5V Boost Converter of Figure 1.
Start-Up from 3V Input into 5
Ω Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com