Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1308AI Datasheet(PDF) 17 Page - Linear Technology

Part # 1308AI
Description  High Current, Micropower Single Cell, 600kHz DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1308AI Datasheet(HTML) 17 Page - Linear Technology

Back Button 1308AI Datasheet HTML 12Page - Linear Technology 1308AI Datasheet HTML 13Page - Linear Technology 1308AI Datasheet HTML 14Page - Linear Technology 1308AI Datasheet HTML 15Page - Linear Technology 1308AI Datasheet HTML 16Page - Linear Technology 1308AI Datasheet HTML 17Page - Linear Technology 1308AI Datasheet HTML 18Page - Linear Technology 1308AI Datasheet HTML 19Page - Linear Technology 1308AI Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
LT1308A/LT1308B
1308abfa
D4
VIN
SW
LT1308A
GND
VC
FB
SHDN
47k
1308 TA04
C1
47
μF
10nF
100pF
D2
D1
D3
34.8k
10M
10nF
250V
10nF
250V
10nF
250V
+
VOUT
350V
1.2mA
VIN
2.7V TO 6V
T1
1:12
3
1
4
6
SHUTDOWN
D1, D2, D3: BAV21 200mA, 250V
D4: MBR0540
T1: MIDCOM 31105R LP = 1.5μH
VIN
SW
FB
LT1308B
L1A
CTX10-2
L1B
D1
47k
R2
100k
R1
309k
680pF
1308A/B TA05
C1
47
μF
C3
220
μF
6.3V
C2
4.7
μF
CERAMIC
VOUT
5V
500mA
VIN
3V TO
10V
VC
GND
SHDN
SHUTDOWN
C1: AVX TAJC476M016
C2: TAIYO YUDEN EMK325BJ475(X5R)
C3: AVX TPSD227M006
+
+
D1: IR 10BQ015
L1: COILTRONICS CTX10-2
SEPIC Converts 3V to 10V Input to a 5V/500mA Regulated Output
40nF EL Panel Driver
High Voltage Supply 350V at 1.2mA
TYPICAL APPLICATIO S
47pF
10k
47k
17k
C1
47
μF
VBAT
3V TO 6V
100pF
D3
D2
D1
SHUTDOWN
2M
4.3M
1
μF
Q1
100k
150k
324k
3.3k
22nF
49.9k
Q2
400V
1308 TA03
C2
1
μF
200V
EL PANEL
≤40nF
+
3
1
4
6
VIN
SW
LT1308A
GND
VC
FB
LBO
LBI
SHDN
3.3V
REGULATED
T1
1:12
C1: AVX TAJC476M010
C2: VITRAMON VJ225Y105KXCAT
D1: BAT54
D2, D3: BAV21
Q1: MMBT3906
Q2: ZETEX FCX458
T1: MIDCOM 31105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com