Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1308AI Datasheet(PDF) 14 Page - Linear Technology

Part # 1308AI
Description  High Current, Micropower Single Cell, 600kHz DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1308AI Datasheet(HTML) 14 Page - Linear Technology

Back Button 1308AI Datasheet HTML 10Page - Linear Technology 1308AI Datasheet HTML 11Page - Linear Technology 1308AI Datasheet HTML 12Page - Linear Technology 1308AI Datasheet HTML 13Page - Linear Technology 1308AI Datasheet HTML 14Page - Linear Technology 1308AI Datasheet HTML 15Page - Linear Technology 1308AI Datasheet HTML 16Page - Linear Technology 1308AI Datasheet HTML 17Page - Linear Technology 1308AI Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LT1308A/LT1308B
1308abfa
VIN
SW
LT1308B
GND
VC
FB
SHDN
+
CPL
330pF
R1
100k
C1
47
μF
VIN
5V
D1
L1
4.7
μH
VOUT
12V
500mA
C2
100pF
R2
11.3k
47k
R3
10k
C1: AVX TAJC476M010
C2: AVX TPSD476M016 (47
μF) OR
TAIYO YUDEN TMK432BJ106MM (10
μF)
D1: IR 10BQ015
L1: MURATA LQH6C4R7
1308 F19
Figure 19. 5V to 12V Boost Converter
APPLICATIONS INFORMATION
Ceramic Capacitors
Multilayer ceramic capacitors have become popular, due
to their small size, low cost, and near-zero ESR. Ceramic
capacitors can be used successfully in LT1308A/LT1308B
designs provided loop stability is considered. A tantalum
capacitor has some ESR and this causes an "ESR zero" in
the regulator loop. This zero is beneficial to loop stability.
Ceramics do not have appreciable ESR, so the zero is lost
when they are used. However, the LT1308A/LT1308B
have external compensation pin (VC) so component val-
ues can be adjusted to achieve stability. A phase lead
capacitor can also be used to tune up load step response
to optimum levels, as detailed in the following paragraphs.
Figure 19 details a 5V to 12V boost converter using either
a tantalum or ceramic capacitor for C2. The input capaci-
tor has little effect on loop stability, as long as minimum
capacitance requirements are met. The phase lead capaci-
tor CPL parallels feedback resistor R1. Figure 20 shows
load step response of a 50mA to 500mA load step using a
47
μF tantalum capacitor at the output. Without the phase
lead capacitor, there is some ringing, suggesting the
phase margin is low. CPL is then added, and response to
the same load step is pictured in Figure 21. Some phase
margin is restored, improving the response. Next, C2 is
replaced by a 10
μF, X5R dielectric, ceramic capacitor.
Without CPL, load step response is pictured in Figure 22.
Although the output settles faster than the tantalum case,
there is appreciable ringing, again suggesting phase mar-
gin is low. Figure 23 depicts load step response using the
10
μF ceramic output capacitor and CPL. Response is clean
and no ringing is evident. Ceramic capacitors have the
added benefit of lowering ripple at the switching frequency
due to their very low ESR. By applying CPL in tandem with
the series RC at the VC pin, loop response can be tailored
to optimize response using ceramic output capacitors.
Figure 21. Load Step Response with 47
μF Tantalum
Output Capacitor and Phase Lead Capacitor CPL
VOUT
500mV/DIV
200
μs/DIV
1308 F20
Figure 20. Load Step Response of LT1308B 5V to 12V
Boost Converter with 47
μF Tantalum Output Capacitor
VOUT
500mV/DIV
200
μs/DIV
1308 F21
VOUT
1V/DIV
IL1
1A/DIV
200
μs/DIV
1308 F22
Figure 22. Load Step Response with 10
μF X5R
Ceramic Output Capacitor
LOAD
CURRENT
50mA
500mA
IL1
1A/DIV
LOAD
CURRENT
50mA
500mA
IL1
1A/DIV
LOAD
CURRENT
50mA
500mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com