Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1308AI Datasheet(PDF) 5 Page - Linear Technology

Part # 1308AI
Description  High Current, Micropower Single Cell, 600kHz DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1308AI Datasheet(HTML) 5 Page - Linear Technology

  1308AI Datasheet HTML 1Page - Linear Technology 1308AI Datasheet HTML 2Page - Linear Technology 1308AI Datasheet HTML 3Page - Linear Technology 1308AI Datasheet HTML 4Page - Linear Technology 1308AI Datasheet HTML 5Page - Linear Technology 1308AI Datasheet HTML 6Page - Linear Technology 1308AI Datasheet HTML 7Page - Linear Technology 1308AI Datasheet HTML 8Page - Linear Technology 1308AI Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LT1308A/LT1308B
1308abfa
TYPICAL PERFORMANCE CHARACTERISTICS
SHDN PIN VOLTAGE (V)
0
50
40
30
20
10
0
8
1308 G07
2
4
6
10
–40
°C
25
°C
85
°C
TEMPERATURE (
°C)
–50
–25
050
25
75
100
1308 • G08
80
70
60
50
40
30
20
10
0
LBI
FB
TEMPERATURE (
°C)
–50
–25
050
25
75
100
1308 • G09
203
202
201
200
199
198
197
196
195
TEMPERATURE (
°C)
–50
–2.5
050
25
75
100
1308 • G10
800
750
700
650
600
550
500
450
400
TEMPERATURE (
°C)
–50
–25
050
25
75
100
1308 • G11
180
170
160
150
140
130
120
110
100
TEMPERATURE (
°C)
–50
–25
050
25
75
100
1308 • G12
1.25
1.24
1.23
1.22
1.21
1.20
1.19
1.18
SHDN Pin Bias Current vs Voltage
FB, LBI Bias Current vs
Temperature
Low Battery Detector Reference
vs Temperature
Oscillator Frequency vs
Temperature
LT1308A Quiescent Current vs
Temperature
Feedback Pin Voltage vs
Temperature
LT1308B
12V Output Efficiency
Switch Saturation Voltage
vs Current
Switch Current Limit vs
Duty Cycle
LOAD CURRENT (mA)
90
85
80
75
70
65
60
55
50
1
100
1000
1308A/B G04
10
VIN = 5V
VIN = 3.3V
SWITCH CURRENT (A)
0
2.0
85
°C
1308 G06
0.5
1.0
1.5
500
400
300
200
100
0
25
°C
–40
°C
DUTY CYCLE (%)
0
3.0
3.5
80
1308 • G05
2.5
2.0
20
40
60
100
4.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com