Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1308AI Datasheet(PDF) 15 Page - Linear Technology

Part # 1308AI
Description  High Current, Micropower Single Cell, 600kHz DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1308AI Datasheet(HTML) 15 Page - Linear Technology

Back Button 1308AI Datasheet HTML 11Page - Linear Technology 1308AI Datasheet HTML 12Page - Linear Technology 1308AI Datasheet HTML 13Page - Linear Technology 1308AI Datasheet HTML 14Page - Linear Technology 1308AI Datasheet HTML 15Page - Linear Technology 1308AI Datasheet HTML 16Page - Linear Technology 1308AI Datasheet HTML 17Page - Linear Technology 1308AI Datasheet HTML 18Page - Linear Technology 1308AI Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
LT1308A/LT1308B
1308abfa
APPLICATIONS INFORMATION
VOUT
VIN = 4.2V
VOUT
VIN = 3.6V
VOUT
VIN = 3V
ILOAD
1A
10mA
VOUT TRACES =
200
μs/DIV
200mV/DIV
1308 F25
Figure 26. LT1308B Li-Ion to 5V Boost
Converter Transient Response to 1A Load Step
VOUT
VIN = 4.2V
VOUT
VIN = 3.6V
VOUT
VIN = 3V
Figure 25. LT1308A Li-Ion to 5V Boost Converter
Transient Response to 1A Load Step
VOUT TRACES =
100
μs/DIV
200mV/DIV
1308 F26
ILOAD
1A
10mA
Figure 24. Li-Ion to 5V Boost Converter Delivers 1A
GSM AND CDMA PHONES
The LT1308A/LT1308B are suitable for converting a single
Li-Ion cell to 5V for powering RF power stages in GSM or
CDMA phones. Improvements in the LT1308A/LT1308B
error amplifiers allow external compensation values to be
reduced, resulting in faster transient response compared
to the LT1308. The circuit of Figure 24 (same as Figure 1,
printed again for convenience) provides a 5V, 1A output
from a Li-Ion cell. Figure 25 details transient response at
the LT1308A operating at a VIN of 4.2V, 3.6V and 3V.
Ripple voltage in Burst Mode operation can be seen at
10mA load. Figure 26 shows transient response of the
LT1308B under the same conditions. Note the lack of
Burst Mode ripple at 10mA load.
VIN
SW
FB
LT1308B
L1
4.7
μH
D1
47k
R2
100k
R1
309k
5V
1A
100pF
1308A/B F24
C1
47
μF
C2
220
μF
Li-Ion
CELL
VC
GND
SHDN
SHUTDOWN
C1: AVX TAJC476M010
C2: AVX TPSD227M006
+
+
D1: IR 10BQ015
L1: MURATA LQH6N4R7
VOUT
500mV/DIV
200
μs/DIV
1308 F23
IL1
1A/DIV
LOAD
CURRENT
50mA
500mA
Figure 23. Load Step Response with 10
μF X5R
Ceramic Output Capacitor and CPL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com