Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1308AI Datasheet(PDF) 6 Page - Linear Technology

Part # 1308AI
Description  High Current, Micropower Single Cell, 600kHz DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1308AI Datasheet(HTML) 6 Page - Linear Technology

Back Button 1308AI Datasheet HTML 2Page - Linear Technology 1308AI Datasheet HTML 3Page - Linear Technology 1308AI Datasheet HTML 4Page - Linear Technology 1308AI Datasheet HTML 5Page - Linear Technology 1308AI Datasheet HTML 6Page - Linear Technology 1308AI Datasheet HTML 7Page - Linear Technology 1308AI Datasheet HTML 8Page - Linear Technology 1308AI Datasheet HTML 9Page - Linear Technology 1308AI Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LT1308A/LT1308B
1308abfa
VC (Pin 1/Pin 1): Compensation Pin for Error Amplifier.
Connect a series RC from this pin to ground. Typical
values are 47k
Ω and 100pF. Minimize trace area at VC.
FB (Pin 2/Pin 2): Feedback Pin. Reference voltage is
1.22V. Connect resistive divider tap here. Minimize trace
area at FB. Set VOUT according to:
VOUT = 1.22V(1 + R1/R2).
SHDN (Pin 3/Pin 3): Shutdown. Ground this pin to turn
off switcher. To enable, tie to 1V or more. SHDN does not
need to be at VIN to enable the device.
GND (Pin 4/Pins 4, 5, 6, 7): Ground. Connect directly to
local ground plane. Ground plane should enclose all
components associated with the LT1308. PCB copper
connected to these pins also functions as a heat sink. For
the TSSOP package, connect all pins to ground copper to
get the best heat transfer. This keeps chip heating to a
minimum.
PIN FUNCTIONS (SO/TSSOP)
SW (Pin 5/Pins 8, 9, 10): Switch Pins. Connect inductor/
diode here. Minimize trace area at these pins to keep EMI
down. For the TSSOP package, connect all SW pins
together at the package.
VIN (Pin 6/Pins 11, 12): Supply Pins. Must have local
bypass capacitor right at the pins, connected directly to
ground. For the TSSOP package, connect both VIN pins
together at the package.
LBI (Pin 7/Pin 13): Low-Battery Detector Input. 200mV
reference. Voltage on LBI must stay between –100mV
and 1V. Low-battery detector does not function with
SHDN pin grounded. Float LBI pin if not used.
LBO (Pin 8/Pin 14): Low-Battery Detector Output. Open
collector, can sink 50
μA. A 220kΩ pull-up is recom-
mended. LBO is high impedance when SHDN is grounded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com