Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1308AI Datasheet(PDF) 9 Page - Linear Technology

Part # 1308AI
Description  High Current, Micropower Single Cell, 600kHz DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1308AI Datasheet(HTML) 9 Page - Linear Technology

Back Button 1308AI Datasheet HTML 5Page - Linear Technology 1308AI Datasheet HTML 6Page - Linear Technology 1308AI Datasheet HTML 7Page - Linear Technology 1308AI Datasheet HTML 8Page - Linear Technology 1308AI Datasheet HTML 9Page - Linear Technology 1308AI Datasheet HTML 10Page - Linear Technology 1308AI Datasheet HTML 11Page - Linear Technology 1308AI Datasheet HTML 12Page - Linear Technology 1308AI Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LT1308A/LT1308B
1308abfa
APPLICATIONS INFORMATION
Waveforms for a LT1308B 5V to 12V boost converter
using a 10
μF ceramic output capacitor are pictured in
Figures 4 and 5. In Figure 4, the converter is operating in
continuous mode, delivering a load current of approxi-
mately 500mA. The top trace is the output. The voltage
increases as inductor current is dumped into the output
capacitor during the switch off time, and the voltage
decreases when the switch is on. Ripple voltage is in this
case due to capacitance, as the ceramic capacitor has little
ESR. The middle trace is the switch voltage. This voltage
alternates between a VCESAT and VOUT plus the diode drop.
The lower trace is the switch current. At the beginning of
the switch cycle, the current is 1.2A. At the end of the
switch on time, the current has increased to 2A, at which
point the switch turns off and the inductor current flows
into the output capacitor through the diode. Figure 5
depicts converter waveforms at a light load. Here the
converter operates in discontinuous mode. The inductor
current reaches zero during the switch off time, resulting
in some ringing at the switch node. The ring frequency is
set by switch capacitance, diode capacitance and induc-
tance. This ringing has little energy, and its sinusoidal
shape suggests it is free from harmonics. Minimizing the
copper area at the switch node will prevent this from
causing interference problems.
LAYOUT HINTS
The LT1308A/LT1308B switch current at high speed,
mandating careful attention to layout for proper perfor-
mance.
You will not get advertised performance with
careless layout. Figure 6 shows recommended component
placement for an SO-8 package boost (step-up) converter.
Follow this closely in your PC layout. Note the direct path
of the switching loops. Input capacitor C1
must be placed
close (< 5mm) to the IC package. As little as 10mm of wire
or PC trace from CIN to VIN will cause problems such as
inability to regulate or oscillation.
The negative terminal of output capacitor C2 should tie
close to the ground pin(s) of the LT1308A/LT1308B. Doing
this reduces dI/dt in the ground copper which keeps high
frequency spikes to a minimum. The DC/DC converter
ground should tie to the PC board ground plane at one
place only, to avoid introducing dI/dt in the ground plane.
1
2
8
7
3
4
6
5
L1
C2
D1
LBO
LBI
LT1308A
LT1308B
VOUT
VIN
GND
SHUTDOWN
R1
R2
MULTIPLE
VIAs
GROUND PLANE
1308 F04
+
C1
+
Figure 6. Recommended Component Placement for SO-8
Package Boost Converter. Note Direct High Current Paths
Using Wide PC Traces. Minimize Trace Area at Pin 1 (VC) and
Pin 2 (FB). Use Multiple Vias to Tie Pin 4 Copper to Ground
Plane. Use Vias at One Location Only to Avoid Introducing
Switching Currents into the Ground Plane
Figure 7 shows recommended component placement for
a boost converter using the TSSOP package. Placement is
similar to the SO-8 package layout.
Figure 5. Converter Waveforms in Discontinuous Mode
VOUT
20mV/DIV
VSW
10V/DIV
ISW
500mA/DIV
500ns/DIV
Figure 4. 5V to 12V Boost Converter Waveforms in
Continuous Mode. 10
μF Ceramic Capacitor Used at Output
VOUT
100mV/DIV
VSW
10V/DIV
ISW
1A/DIV
500ns/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com