Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1308AI Datasheet(PDF) 1 Page - Linear Technology

Part # 1308AI
Description  High Current, Micropower Single Cell, 600kHz DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1308AI Datasheet(HTML) 1 Page - Linear Technology

  1308AI Datasheet HTML 1Page - Linear Technology 1308AI Datasheet HTML 2Page - Linear Technology 1308AI Datasheet HTML 3Page - Linear Technology 1308AI Datasheet HTML 4Page - Linear Technology 1308AI Datasheet HTML 5Page - Linear Technology 1308AI Datasheet HTML 6Page - Linear Technology 1308AI Datasheet HTML 7Page - Linear Technology 1308AI Datasheet HTML 8Page - Linear Technology 1308AI Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LT1308A/LT1308B
1308abfa
High Current, Micropower
Single Cell, 600kHz
DC/DC Converters
■ 5V at 1A from a Single Li-Ion Cell
■ 5V at 800mA in SEPIC Mode from Four NiCd Cells
■
Fixed Frequency Operation: 600kHz
■ Boost Converter Outputs up to 34V
■ Starts into Heavy Loads
■
Automatic Burst Mode
TM Operation at
Light Load (LT1308A)
■ Continuous Switching at Light Loads (LT1308B)
■
Low VCESAT Switch: 300mV at 2A
■ Pin-for-Pin Upgrade Compatible with LT1308
■ Lower Quiescent Current in Shutdown: 1
μA (Max)
■
Improved Accuracy Low-Battery Detector
Reference: 200mV
±2%
■ Available in 8-Lead SO and 14-Lead TSSOP Packages
■ GSM/CDMA Phones
■ Digital Cameras
■ LCD Bias Supplies
■ Answer-Back Pagers
■ GPS Receivers
■ Battery Backup Supplies
■ Handheld Computers
The LT
®1308A/LT1308B are micropower, fixed frequency
step-up DC/DC converters that operate over a 1V to 10V
input voltage range. They are improved versions of the
LT1308 and are recommended for use in new designs. The
LT1308A features automatic shifting to power saving
Burst Mode operation at light loads and consumes just
140
μA at no load. The LT1308B features continuous
switching at light loads and operates at a quiescent current
of 2.5mA. Both devices consume less than 1
μA in
shutdown.
Low-battery detector accuracy is significantly tighter than
the LT1308. The 200mV reference is specified at
±2% at
room and
±3% over temperature. The shutdown pin
enables the device when it is tied to a 1V or higher source
and does not need to be tied to VIN as on the LT1308. An
internal VC clamp results in improved transient response
and the switch voltage rating has been increased to 36V,
enabling higher output voltage applications.
The LT1308A/LT1308B are available in the 8-lead SO and
the 14-lead TSSOP packages.
Figure 1. LT1308B Single Li-Ion Cell to 5V/1A DC/DC Converter
Converter Efficiency
VIN
SW
FB
LT1308B
L1
4.7
μH
D1
LBO
LBI
47k
R2
100k
R1*
309k
5V
1A
100pF
1308A/B F01a
C1
47
μF
C2
220
μF
Li-Ion
CELL
VC
GND
SHDN
SHUTDOWN
C1: AVX TAJC476M010
C2: AVX TPSD227M006
D1: IR 10BQ015
+
+
L1: MURATA LQH6C4R7
*R1: 887k FOR VOUT = 12V
LOAD CURRENT (mA)
1
95
90
85
80
75
70
65
60
55
50
10
100
1000
1308A/B F01b
VIN = 4.2V
VIN = 1.5V
VIN = 2.5V
VIN = 3.6V
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. Burst
Mode is a registered trademark of Linear Technology Corporation. All other trademarks are
the property of their respective owners.


Similar Part No. - 1308AI

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1308A BELDEN-1308A Datasheet
197Kb / 2P
Speaker Cable, 4 C #16 Str BC-OFHC, PVC Jkt, CM, DIR BUR, Flexible
04-14-2023
1308A-006U500 BELDEN-1308A-006U500 Datasheet
197Kb / 2P
Speaker Cable, 4 C #16 Str BC-OFHC, PVC Jkt, CM, DIR BUR, Flexible
04-14-2023
1308A-0081000 BELDEN-1308A-0081000 Datasheet
197Kb / 2P
Speaker Cable, 4 C #16 Str BC-OFHC, PVC Jkt, CM, DIR BUR, Flexible
04-14-2023
1308A-008U500 BELDEN-1308A-008U500 Datasheet
197Kb / 2P
Speaker Cable, 4 C #16 Str BC-OFHC, PVC Jkt, CM, DIR BUR, Flexible
04-14-2023
1308A-0101000 BELDEN-1308A-0101000 Datasheet
197Kb / 2P
Speaker Cable, 4 C #16 Str BC-OFHC, PVC Jkt, CM, DIR BUR, Flexible
04-14-2023
More results

Similar Description - 1308AI

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1307 LINER-LT1307 Datasheet
377Kb / 20P
Single Cell Micropower 600kHz PWM DC/DC Converters
LT1308 LINER-LT1308 Datasheet
266Kb / 8P
Single Cell High Current Micropower 600kHz Boost DC/DC Converter
LT1308A LINER-LT1308A Datasheet
185Kb / 12P
High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1317 LINER-LT1317 Datasheet
447Kb / 16P
Micropower, 600kHz PWM DC/DC Converters
LT1308 LINER-LT1308_15 Datasheet
253Kb / 8P
Single Cell High Current Micropower 600kHz Boost DC/DC Converter
LT1317 LINER-LT1317_15 Datasheet
408Kb / 16P
Micropower, 600kHz PWM DC/DC Converters
LT1308A LINER-LT1308A_15 Datasheet
377Kb / 20P
High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308B LINER-LT1308B_15 Datasheet
377Kb / 20P
High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1307 LINER-LT1307_15 Datasheet
379Kb / 20P
Single Cell Micropower 600kHz PWM DC/DC Converters
LT1307B LINER-LT1307B_15 Datasheet
379Kb / 20P
Single Cell Micropower 600kHz PWM DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com