Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6404 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC6404
Description  600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6404 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC6404 Datasheet HTML 4Page - Linear Technology LTC6404 Datasheet HTML 5Page - Linear Technology LTC6404 Datasheet HTML 6Page - Linear Technology LTC6404 Datasheet HTML 7Page - Linear Technology LTC6404 Datasheet HTML 8Page - Linear Technology LTC6404 Datasheet HTML 9Page - Linear Technology LTC6404 Datasheet HTML 10Page - Linear Technology LTC6404 Datasheet HTML 11Page - Linear Technology LTC6404 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTC6404
8
6404f
LTC6404-1 TYPICAL PERFORMANCE CHARACTERISTICS
Active Supply Current vs
Temperature
Shutdown Supply Current vs
Temperature
Differential Voltage Offset (Input
Referred) vs Temperature
Common Mode Voltage Offset vs
Temperature
Active Supply Current vs Supply
Voltage and Temperature
SHDN Supply Current vs Supply
Voltage and Temperature
SHDN Pin Current vs SHDN Pin
Voltage and Temperature
Supply Current vs SHDN Pin
Voltage and Temperature
Small-Signal Frequency
Response
TEMPERATURE (°C)
–75
24
25
27
28
29
–25
25
50
150
64041 G01
26
–50
0
75 100 125
30
VS = 2.7V
VCM = VOCM = MID-SUPPLY
VS = 5V
VS = 3V
TEMPERATURE (°C)
–75
0
0.1
0.3
0.4
0.5
–25
25
50
150
64041 G02
0.2
–50
0
75 100 125
VS = 2.7V
VCM = VOCM = MID-SUPPLY
VS = 5V
VS = 3V
TEMPERATURE (°C)
–75
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
–25
25
50
150
64041 G03
–0.6
0.6
0.8
0.2
–50
0
75 100 125
5 REPRESENTATIVE UNITS
VCM = VOCM = MID-SUPPLY
VS = 3V
TEMPERATURE (°C)
–75
–10
–8
–4
–2
0
10
4
–25
25
50
150
64041 G04
–6
6
8
2
–50
0
75 100 125
5 REPRESENTATIVE UNITS
VCM = VOCM = MID-SUPPLY
VS = 3V
VSUPPLY (V)
0
0
5
10
15
20
24
5
64041 G05
25
30
13
TA = 125°C
TA = 105°C
TA = 90°C
TA = 75°C
TA = 50°C
TA = 25°C
TA = –10°C
TA = –45°C
TA = –60°C
VCM = VOCM =
MID-SUPPLY
SHDN = V+
VSUPPLY (V)
0
0
0.1
0.2
0.3
24
5
64041 G06
0.4
0.5
13
VCM = VOCM = MID-SUPPLY
SHDN = V–
TA = 125°C
TA = 105°C
TA = 90°C
TA = 75°C
TA = 50°C
TA = 25°C
TA = –10°C
TA = –45°C
TA = –60°C
SHDN PIN VOLTAGE (V)
0
–30
–5
–10
–15
–20
1.5
0.5
2.5
3.0
64041 G07
–25
0
1.0
2.0
VCM = VOCM = MID-SUPPLY
VS = 3V
TA = 125°C
TA = 105°C
TA = 90°C
TA = 75°C
TA = 50°C
TA = 25°C
TA = –10°C
TA = –45°C
TA = –60°C
SHDN PIN VOLTAGE (V)
0
1.5
0.5
2.5
3.0
64041 G08
1.0
2.0
VCM = VOCM = MID-SUPPLY
VS = 3V
0
5
10
15
20
25
30
TA = 125°C
TA = 105°C
TA = 90°C
TA = 75°C
TA = 50°C
TA = 25°C
TA = –10°C
TA = –45°C
TA = –60°C
FREQUENCY (MHz)
10
100
1000
64041 G09
–20
–15
–10
–5
0
5
UNFILTERED OUTPUTS
VCM = VOCM = MID-SUPPLY
TA = 25°C
RF = RI = 100Ω, CF IN PARALLEL WITH RF
CF = 0pF
CF = 1.8pF
VS = 3V
VS = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com