Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6404 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC6404
Description  600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6404 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC6404 Datasheet HTML 16Page - Linear Technology LTC6404 Datasheet HTML 17Page - Linear Technology LTC6404 Datasheet HTML 18Page - Linear Technology LTC6404 Datasheet HTML 19Page - Linear Technology LTC6404 Datasheet HTML 20Page - Linear Technology LTC6404 Datasheet HTML 21Page - Linear Technology LTC6404 Datasheet HTML 22Page - Linear Technology LTC6404 Datasheet HTML 23Page - Linear Technology LTC6404 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LTC6404
20
6404f
APPLICATIONS INFORMATION
if voltage transients at the input exceed 1.4V. The inputs
also have steering diodes to either supply. The turn-on and
turn-off time between the shutdown and active states is
typically less than 1μs.
General Amplifier Applications
As levels of integration have increased and correspond-
ingly, system supply voltages decreased, there has been
a need for ADCs to process signals differentially in order
to maintain good signal to noise ratios. These ADCs are
typically supplied from a single supply voltage which
can be as low as 3V (2.7V min), and will have an optimal
common mode input range near mid-supply. The LTC6404
makes interfacing to these ADCs easy, by providing both
single-ended to differential conversion as well as com-
mon mode level shifting. The front page of this data sheet
shows a typical application. Referring to Figure 1, the gain
to VOUTDIFF from VINM and VINP is:
VV
V
R
R
VV
OUTDIFF
OUT
OUT
F
I
INP
INM
=≈
()
+ –•
–
–
Note from the above equation, the differential output volt-
age (VOUT+ – VOUT–) is completely independent of input
and output common mode voltages, or the voltage at
the common mode pin. This makes the LTC6404 ideally
suited for pre-amplification, level shifting and conversion
of single ended signals to differential output signals to
drive differential input ADCs.
Effects of Resistor Pair Mismatch
In the circuit of Figure 3, it is possible the gain setting
resistors will not perfectly match. Assuming infinite open
loop gain, the differential output relationship is given by
the equation:
VV
V
R
R
V
V
OUTDIFF
OUT
OUT
F
I
INDIFF
AVG
I
=≅
+
Δ
+ –•
•
–
β
β
N
NCM
AVG
OCM
V
–•
Δβ
β
where:
βAVG
I
IF
I
IF
R
RR
R
RR
=
+
+
+
⎛
⎝⎜
⎞
⎠⎟
1
2
1
11
2
22
•
RF is the average of RF1, and RF2, and RI is the average
of RI1, and RI2.
βAVG is defined as the average feedback factor (or gain)
from the outputs to their respective inputs:
Δβ is defined as the difference in feedback factors:
Δ=
++
β
R
RR
R
RR
I
IF
I
IF
2
22
1
11
–
Figure 3. Basic Differential Amplifier with Feedback Resistor Pair Mismatch
V–
V–
V+
0.1μF
0.1μF
0.1μF
0.1μF
0.1μF
–
+
1
SHDN
5
6
IN–
7
OUT+
8
OUTF+
16
15
IN+
NC
NC
14
OUT–
13
OUTF–
VOUTF
–
RF2
VOUTF
+
VOUT
–
VOUT
+
2
V+
3
V–
V+
V+
V–
V+
V–
4
VOCM
VSHDN
VVOCM
VOCM
12
V–
11
V+
10
V+
9
V–
V–
V–
6404 F03
LTC6404
SHDN
0.1μF
0.01μF
RF1
RI2
RI1
+
–
VINP
–
+
VINM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com