Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6404 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC6404
Description  600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6404 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC6404 Datasheet HTML 20Page - Linear Technology LTC6404 Datasheet HTML 21Page - Linear Technology LTC6404 Datasheet HTML 22Page - Linear Technology LTC6404 Datasheet HTML 23Page - Linear Technology LTC6404 Datasheet HTML 24Page - Linear Technology LTC6404 Datasheet HTML 25Page - Linear Technology LTC6404 Datasheet HTML 26Page - Linear Technology LTC6404 Datasheet HTML 27Page - Linear Technology LTC6404 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
LTC6404
26
6404f
APPLICATIONS INFORMATION
Figure 11. Interfacing the LTC6404-1 to a High Speed 105Msps ADC
other external sources of noise from being converted to
differential noise due to divider mismatches in the feedback
networks. It is also recommended that the resistive feed-
back networks be comprised of 1% resistors (or better)
to enhance the output common mode rejection. This will
also prevent VOCM referred common mode noise of the
common mode amplifier path (which cannot be filtered)
from being converted to differential noise, degrading the
differential noise performance.
Feedback factor mismatch has a weak effect on distortion.
Using 1% or better resistors should prevent mismatch
from impacting amplifier linearity. However, in single
supply level shifting applications where there is a voltage
difference between the input common mode voltage and
the output common mode voltage, resistor mismatch can
make the apparent voltage offset of the amplifier appear
worse than specified.
In general, the apparent input referred offset induced by
feedback factor mismatch is given by the equation:
VOSDIFF(APPARENT) ≈ (VINCM – VOCM) • Δβ
where
Δβ =
++
R
RR
R
RR
I
IF
I
IF
2
22
1
11
–
Interfacing the LTC6404 to A/D Converters
The LTC6404’s rail-to-rail output and fast settling time make
the LTC6404 ideal for interfacing to low voltage, single
supply, differential input ADCs. The sampling process of
ADCs create a sampling glitch caused by switching in the
sampling capacitor on the ADC front end which momentarily
“shorts” the output of the amplifier as charge is transferred
between the amplifier and the sampling cap. The amplifier
must recover and settle from this load transient before
this acquisition period ends for a valid representation of
the input signal. In general, the LTC6404 will settle much
more quickly from these periodic load impulses than
from a 2V input step, but it is a good idea to either use
the filtered outputs to drive the ADC (Figure 11 shows an
example of this), or to place a discrete R-C filter network
between the differential unfiltered outputs of the LTC6404
and the input of the ADC to help absorb the charge transfer
required during the ADC sampling process. The capaci-
tance of the filter network serves as a charge reservoir
to provide high frequency charging during the sampling
process, while the two resistors of the filter network are
used to dampen and attenuate any charge kickback from
the ADC. The selection of the R-C time constant is trial
and error for a given ADC, but the following guidelines
are recommended: Choosing too large of a resistor in the
decoupling network (leaving insufficient settling time)
–
+
1
SHDN
5
6
IN–
7
OUT+
8
OUTF+
16
15
IN+
NC
NC
14
OUT–
13
OUTF–
AIN+
AIN–
100Ω
2
V+
3
V–
V+
V+
V–
3.3V
VOCM
VOCM
12
V–
11
V+
10
V+
9
V–
V–
V–
6404 F11
LTC6404-1
LTC2207
VIN
2VP-P
SHDN
100Ω
100Ω
100Ω
0.1μF
3.3V
4
0.1μF
0.1μF
CONTROL
GND
VDD
D15
•
•
D0
0.1μF
VCM
2.2μF
3.3V
1μF
1μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com