Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6404 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC6404
Description  600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6404 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC6404 Datasheet HTML 11Page - Linear Technology LTC6404 Datasheet HTML 12Page - Linear Technology LTC6404 Datasheet HTML 13Page - Linear Technology LTC6404 Datasheet HTML 14Page - Linear Technology LTC6404 Datasheet HTML 15Page - Linear Technology LTC6404 Datasheet HTML 16Page - Linear Technology LTC6404 Datasheet HTML 17Page - Linear Technology LTC6404 Datasheet HTML 18Page - Linear Technology LTC6404 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LTC6404
15
6404f
Small-Signal Frequency Response
vs Gain Setting Resistor Values
Small-Signal Frequency
Response vs CLOAD
Small-Signal Frequency
Response vs Temperature
Small-Signal Frequency
Response vs Temperature
Large-Signal Step Response
Small-Signal Step Response
Distortion vs Frequency
Distortion vs Input Common Mode
Voltage
Distortion vs Output Amplitude
LTC6404-4 TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (MHz)
10
100
1000
64044 G10
–15
–5
–10
0
5
10
15
20
VCM = VOCM = MID-SUPPLY
VS = 3V AND VS = 5V
RI = 100Ω, RF = 402Ω
RI = 200Ω, RF = 800Ω
VS = 3V
VS = 5V
RI = 140Ω, RF = 562Ω
FREQUENCY (MHz)
10
100
1000
64044 G11
–15
–10
–5
0
5
25
10
15
20
CLOAD = 0pF
CLOAD = 10pF
VCM = VOCM = MID-SUPPLY
RI = 100Ω, RF = 402Ω
VS = 3V AND VS = 5V
VS = 3V
VS = 5V
CLOAD = 5pF
FREQUENCY (MHz)
–15
0
–5
–10
20
15
10
5
64044 G12
10
1000
100
VCM = VOCM = MID-SUPPLY
RI = 100Ω, RF = 402Ω
VS = 3V AND VS = 5V
TA = 90°C
TA = 25°C
TA = –45°C
FREQUENCY (MHz)
10
100
1000
64044 G13
–20
–25
–10
–15
–5
0
5
10
15
20
TA = 90°C
VCM = VOCM = MID-SUPPLY
RI = 100Ω, RF = 402Ω
VS = 3V
UNFILTERED DIFFERENTIAL
OUTPUT AT 25°C
FILTERED
DIFFERENTIAL OUTPUT
TA = –45°C
TA = 25°C
TIME (ns)
0
0.5
1.5
2.5
12
64044 G14
–0.5
–1.5
0
1.0
2.0
–1.0
–2.0
–2.5
3
6
9
15
VOUTDIFF
VINDIFF
VCM = VOCM = MID-SUPPLY
VS = 3V
RI = 100Ω, RF = 402Ω
TIME (ns)
0
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
369
12
64044 G15
15
VOUTDIFF
VINDIFF
VCM = VOCM = MID-SUPPLY
VS = 3V
RI = 100Ω, RF = 402Ω
FREQUENCY (MHz)
0.1
–100
–90
–80
–70
–60
1
10
100
64044 G16
–110
–120
–130
–50
–40
VCM = VOCM = MID-SUPPLY
VS = 3V
VOUT = 2VP-P
RI = 100Ω, RF = 402Ω
DIFFERENTIAL INPUT
SINGLE-ENDED INPUT
HD2
HD2
HD3
HD3
DC COMMON MODE INPUT (AT IN+ AND IN– PINS) (V)
0
–90
–80
–70
1.5
2.5
64044 G17
–100
–110
–120
0.5
1.0
2.0
–60
–50
–40
VCM = VOCM = MID-SUPPLY
VS = 3V
RI = 100Ω, RF = 402Ω
fIN = 10MHz
DIFFERENTIAL INPUT
SINGLE-ENDED INPUT
HD2
HD2
HD3
HD3
VOUTDIFF (VP-P)
0
–90
–80
–70
3
5
64044 G18
–100
–110
–120
12
4
–60
–50
–40
6
VCM = VOCM = MID-SUPPLY
VS = 3V
RI = 100Ω, RF = 402Ω
fIN = 10MHz
DIFFERENTIAL INPUT
SINGLE-ENDED INPUT
HD2
HD2
HD3
HD3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com