Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6404 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC6404
Description  600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6404 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC6404 Datasheet HTML 19Page - Linear Technology LTC6404 Datasheet HTML 20Page - Linear Technology LTC6404 Datasheet HTML 21Page - Linear Technology LTC6404 Datasheet HTML 22Page - Linear Technology LTC6404 Datasheet HTML 23Page - Linear Technology LTC6404 Datasheet HTML 24Page - Linear Technology LTC6404 Datasheet HTML 25Page - Linear Technology LTC6404 Datasheet HTML 26Page - Linear Technology LTC6404 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LTC6404
23
6404f
In single supply applications, where the LTC6404 is used
to interface to an ADC, the optimal common mode input
range to the ADC is often determined by the ADC’s refer-
ence. If the ADC makes a reference available for setting
the input common mode voltage, it can be directly tied
to the VOCM pin, but must be capable of driving the input
impedance presented by the VOCM as listed in the Electri-
cal Characteristics Table. This impedance can be assumed
to be connected to a mid-supply potential. If an external
reference drives the VOCM pin, it should still be bypassed
with a high quality 0.01μF or larger capacitor to a low
impedance ground plane to filter any thermal noise and
to prevent common mode signals on this pin from being
inadvertently converted to differential signals.
Output Filter Considerations and Use
Filtering at the output of the LTC6404 is often desired to
provide either anti-aliasing or improved signal to noise
ratio. To simplify this filtering, the LTC6404 includes an
additional pair of differential outputs (OUTF+ and OUTF–)
which incorporate an internal lowpass filter network with
a –3dB bandwidth of 88.5MHz (Figure 6).
These pins each have a DC output impedance of 50
Ω. In-
ternal capacitances are 12pF to V– on each filtered output,
plus an additional 12pF capacitor connected differentially
between the two filtered outputs. This resistor/capacitor
combination creates filtered outputs that look like a series
50
Ω resistor with a 36pF capacitor shunting each filtered
output to AC ground, providing a –3dB bandwidth of
APPLICATIONS INFORMATION
88.5MHz, and a noise bandwidth of 139MHz. The filter
cutoff frequency is easily modified with just a few external
components. To increase the cutoff frequency, simply add 2
equal value resistors, one between OUT+ and OUTF+ and the
other between OUT– and OUTF– (Figure 7). These resistors,
in parallel with the internal 50
Ω resistor, lower the overall
resistance and therefore increase filter bandwidth. For
example, to double the filter bandwidth, add two external
50
Ω resistors to lower the series filter resistance to 25Ω.
The 36pF of capacitance remains unchanged, so filter
bandwidth doubles. Keep in mind, the series resistance
also serves to decouple the outputs from load capacitance.
The unfiltered outputs of the LTC6404 are designed to
drive 10pF to ground or 5pF differentially, so care should
be taken to not lower the effective impedance between
OUT+ and OUTF+ or OUT– and OUTF– below 25
Ω.
To decrease filter bandwidth, add two external capacitors,
one from OUTF+ to ground, and the other from OUTF– to
ground. A single differential capacitor connected between
OUTF+ and OUTF– can also be used, but since it is being
driven differentially it will appear at each filtered output
as a single-ended capacitance of twice the value. To halve
the filter bandwidth, for example, two 36pF capacitors
could be added (one from each filtered output to ground).
Alternatively, one 18pF capacitor could be added between
the filtered outputs, again halving the filter bandwidth.
Combinations of capacitors could be used as well; a three
Figure 7. LTC6404 Filter Topology Modified for 2x Filter
Bandwidth (2 External Resistors)
Figure 6. LTC6404 Internal Filter Topology
–
+
7
OUT+
8
OUTF+
14
OUT–
13
OUTF–
12
V–
9
V–
V–
V–
6404 F06
LTC6404
FILTERED OUTPUT
(88.5MHz)
50Ω
12pF
12pF
12pF
50Ω
–
+
7
OUT+
8
OUTF+
14
OUT–
13
OUTF–
12
V–
9
V–
V–
V–
6404 F07
LTC6404
FILTERED OUTPUT
(176MHz)
50Ω
49.9Ω
12pF
12pF
12pF
50Ω
49.9Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com