Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6404 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6404
Description  600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6404 Datasheet(HTML) 2 Page - Linear Technology

  LTC6404 Datasheet HTML 1Page - Linear Technology LTC6404 Datasheet HTML 2Page - Linear Technology LTC6404 Datasheet HTML 3Page - Linear Technology LTC6404 Datasheet HTML 4Page - Linear Technology LTC6404 Datasheet HTML 5Page - Linear Technology LTC6404 Datasheet HTML 6Page - Linear Technology LTC6404 Datasheet HTML 7Page - Linear Technology LTC6404 Datasheet HTML 8Page - Linear Technology LTC6404 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC6404
2
6404f
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V) ................................5.5V
Input Voltage:
IN+, IN, VOCM, SHDN (Note 2) ...................... V+ to V
Input Current:
IN+, IN, VOCM, SHDN (Note 2) ........................±10mA
Output Short-Circuit Duration (Note 3) ............ Indefinite
Output Current (Continuous):
(OUTF+, OUTF) DC + ACRMS...........................±40mA
Operating Temperature Range (Note 4).. –40°C to 125°C
Specified Temperature Range (Note 5) .. –40°C to 125°C
Junction Temperature ........................................... 150°C
Storage Temperature Range................... –65°C to 150°C
(Note 1)
16
17
15 14 13
5
6
7
8
TOP VIEW
UD PACKAGE
16-LEAD (3mm
3mm) PLASTIC QFN
9
10
11
12
4
3
2
1
SHDN
V+
V
VOCM
V
V+
V+
V
TJMAX = 150°C, θJA = 68°C/W, θJC = 4.2°C/W
EXPOSED PAD (PIN 17) IS V, MUST BE SOLDERED TO PCB
ORDER INFORMATION
PIN CONFIGURATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTC6404CUD-1#PBF
LTC6404CUD-1#TRPBF
LCLW
16-Lead (3mm
× 3mm) Plastic QFN
0°C to 70°C
LTC6404IUD-1#PBF
LTC6404IUD-1#TRPBF
LCLW
16-Lead (3mm
× 3mm) Plastic QFN
–40°C to 85°C
LTC6404HUD-1#PBF
LTC6404HUD-1#TRPBF
LCLW
16-Lead (3mm
× 3mm) Plastic QFN
–40°C to 125°C
LTC6404CUD-2#PBF
LTC6404CUD-2#TRPBF
LCLX
16-Lead (3mm
× 3mm) Plastic QFN
0°C to 70°C
LTC6404IUD-2#PBF
LTC6404IUD-2#TRPBF
LCLX
16-Lead (3mm
× 3mm) Plastic QFN
–40°C to 85°C
LTC6404HUD-2#PBF
LTC6404HUD-2#TRPBF
LCLX
16-Lead (3mm
× 3mm) Plastic QFN
–40°C to 125°C
LTC6404CUD-4#PBF
LTC6404CUD-4#TRPBF
LCLY
16-Lead (3mm
× 3mm) Plastic QFN
0°C to 70°C
LTC6404IUD-4#PBF
LTC6404IUD-4#TRPBF
LCLY
16-Lead (3mm
× 3mm) Plastic QFN
–40°C to 85°C
LTC6404HUD-4#PBF
LTC6404HUD-4#TRPBF
LCLY
16-Lead (3mm
× 3mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com