Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6404 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC6404
Description  600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6404 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC6404 Datasheet HTML 9Page - Linear Technology LTC6404 Datasheet HTML 10Page - Linear Technology LTC6404 Datasheet HTML 11Page - Linear Technology LTC6404 Datasheet HTML 12Page - Linear Technology LTC6404 Datasheet HTML 13Page - Linear Technology LTC6404 Datasheet HTML 14Page - Linear Technology LTC6404 Datasheet HTML 15Page - Linear Technology LTC6404 Datasheet HTML 16Page - Linear Technology LTC6404 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC6404
13
6404f
Distortion vs Output Amplitude
LTC6404-2 Driving LTC2207
16-Bit ADC (Single Tone)
LTC6404-2 Driving LTC2207
16-Bit ADC (Two Tones)
Voltage Noise Density vs
Frequency
LTC6404-2 Noise Figure vs
Frequency
LTC6404-2 TYPICAL PERFORMANCE CHARACTERISTICS
64042 G19
HD2
HD3
VOUTDIFF (VP-P)
–120
–40
–50
–60
–70
–80
–90
–100
–110
VS = 3V
VCM = VOCM = MID-SUPPLY
RI = 100Ω, RF = 200Ω
VIN = SINGLE-ENDED INPUT
fIN = 10MHz
03
16
24
5
64042 G20
HD2
HD3
HD7
HD5
HD4
FREQUENCY (MHz)
–120
0
–20
–40
–60
–80
–100
VS = 3.3V
VOUTDIFF = 2VP-P
VCM = VOCM = 1.25V
RI = 100 , RF = 200
10.1MHz, 16184 POINT FFT
fSAMPLE = 105Msps
FUNDAMENTAL = –1dBFS
HD2 = –92.4dBc
HD3 = –93.02dBc
030
10
50
20
40
64042 G21
IM3L
IM3U
FREQUENCY (MHz)
–120
0
–20
–40
–60
–80
–100
VS = 3.3V
VINDIFF = 1VP-P
FULLY DIFFERENTIAL
VOUTDIFF = 2VP-P
VCM = VOCM = 1.25V
RI = 100Ω, RF = 200Ω
16184 POINT FFT
fSAMPLE = 105Msps
TONE1, TONE2 = –7dBFS
IM3U = –106.8dBc
IM3L = –107.7dBc
030
10
50
20
40
FREQUENCY (MHz)
0.01
1
100
1000
0.1
10
64042 G22
1
10
100
VS = 3V
VCM = VOCM = MID-SUPPLY
RI = 100Ω, RF = 200Ω
TA = 25°C
DIFFERENTIAL INPUT
REFERRED
COMMON MODE
FREQUENCY (MHz)
0
12
8
4
28
24
20
16
64042 G23
10
1000
100
VCM = VOCM = MID-SUPPLY
VS = 3V
TA = 25°C
SEE FIGURE 2 CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com