Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6404 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC6404
Description  600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6404 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC6404 Datasheet HTML 12Page - Linear Technology LTC6404 Datasheet HTML 13Page - Linear Technology LTC6404 Datasheet HTML 14Page - Linear Technology LTC6404 Datasheet HTML 15Page - Linear Technology LTC6404 Datasheet HTML 16Page - Linear Technology LTC6404 Datasheet HTML 17Page - Linear Technology LTC6404 Datasheet HTML 18Page - Linear Technology LTC6404 Datasheet HTML 19Page - Linear Technology LTC6404 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LTC6404
16
6404f
SHDN (Pin 1): When SHDN is floating or directly tied to
V+, the LTC6404 is in the normal (active) operating mode.
When Pin 1 is pulled a minimum of 2.1V below V+, the
LTC6404 enters into a low power shutdown state. See
Applications Information for more details.
V+, V– (Pins 2, 10, 11 and Pins 3, 9, 12):
Power Supply
Pins. Three pairs of power supply pins are provided to keep
the power supply inductance as low as possible to prevent
degradation of amplifier 2nd harmonic performance. See
the Layout Considerations section for more detail.
LTC6404-4 Driving LTC2207
16-Bit ADC (Single Tone)
LTC6404-4 Driving LTC2207
16-Bit ADC (Two Tones)
Voltage Noise Density vs
Frequency
LTC6404-4 Noise Figure vs
Frequency
LTC6404-4 TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (MHz)
0
–40
–20
0
40
64044 G19
–60
–80
10
20
30
50
–100
–120
–140
VS = 3.3V
VOUTDIFF = 2VP-P
VCM = VOCM = 1.25V
RI = 100Ω, RF = 402Ω
10.1MHz, 64k POINT FFT
fSAMPLE = 105Msps
FUNDAMENTAL = –1dBFS
HD2 = –98.9dBc
HD3 = –99.6dBc
FREQUENCY (MHz)
0
–40
–20
0
40
64044 G20
–60
–80
10
20
30
50
–100
–120
–140
VS = 3.3V
VOUTDIFF = 2VP-P
VCM = VOCM = 1.4V
RI = 100Ω, RF = 402Ω
64k POINT FFT
fSAMPLE = 105Msps
9.5MHz, 10.5MHz = –7dBFS
IMD3L = –100.8dBc
IMD3U = –102dBc
IMD3U
IMD3L
FREQUENCY (MHz)
10
0.01
1
10
1000
100
64044 G21
1
0.1
100
VCM = VOCM = MID-SUPPLY
VS = 3V
RI = 100Ω, RF = 402Ω
TA = 25°C
DIFFERENTIAL INPUT
REFERRED
COMMON MODE
FREQUENCY (MHz)
0
12
8
4
28
24
20
16
64044 G22
10
1000
100
VCM = VOCM = MID-SUPPLY
VS = 3V
TA = 25°C
SEE FIGURE 2 CIRCUIT
PIN FUNCTIONS
VOCM (Pin 4): Output Common Mode Reference Voltage.
The voltage on VOCM sets the output common mode
voltage level (which is defined as the average of the volt-
ages on the OUT+ and OUT– pins). The VOCM pin is the
midpoint of an internal resistive voltage divider between
the supplies, developing a (default) mid-supply voltage
potential to maximize output signal swing. In general, the
VOCM pin can be overdriven by an external voltage refer-
ence capable of driving the input impedance presented
by the VOCM pin. On the LTC6404-1, the VOCM pin has a
input resistance of approximately 23.5k to a mid-supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com