Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6404 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC6404
Description  600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6404 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC6404 Datasheet HTML 20Page - Linear Technology LTC6404 Datasheet HTML 21Page - Linear Technology LTC6404 Datasheet HTML 22Page - Linear Technology LTC6404 Datasheet HTML 23Page - Linear Technology LTC6404 Datasheet HTML 24Page - Linear Technology LTC6404 Datasheet HTML 25Page - Linear Technology LTC6404 Datasheet HTML 26Page - Linear Technology LTC6404 Datasheet HTML 27Page - Linear Technology LTC6404 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
LTC6404
25
6404f
APPLICATIONS INFORMATION
The LTC6404’s input referred voltage noise contributes the
equivalent noise of a 140
Ω resistor. When the feedback
network is comprised of resistors whose values are less
than this, the LTC6404’s output noise is voltage noise
dominant (See Figure 10.):
ee
R
R
no
ni
F
I
≈+
⎛
⎝⎜
⎞
⎠⎟
•1
Feedback networks consisting of resistors with values
greater than about 200
Ω will result in output noise which
is resistor noise and amplifier current noise dominant.
eI
R
R
R
kT R
no
n
F
F
I
F
≈
() ++
⎛
⎝⎜
⎞
⎠⎟
21
4
2
••
• • • •
Lower resistor values (<100
Ω)alwaysresultinlowernoise
at the penalty of increased distortion due to increased load-
ing of the feedback network on the output. Higher resistor
values (but still less than 400
Ω) will result in higher output
noise, but improved distortion due to less loading on the
output. The optimal feedback resistance for the LTC6404
runs between 100
Ω to 400Ω. Higher resistances are not
recommended.
The differential filtered outputs OUTF+ and OUTF– will have
a little higher spot noise than the unfiltered outputs (due to
the two 50
Ω resistors which contribute 0.9nV/√Hz each),
but actually will provide superior Signal-to-Noise in noise
bandwidths exceeding 139MHz due to the noise-filtering
function the filter provides.
Layout Considerations
Because the LTC6404 is a very high speed amplifier, it is
sensitive to both stray capacitance and stray inductance.
Three pairs of power supply pins are provided to keep the
power supply inductance as low as possible to prevent
degradation of amplifier 2nd Harmonic performance. It is
critical that close attention be paid to supply bypassing. For
single supply applications (Pins 3, 9 and 12 grounded) it
is recommended that 3 high quality 0.1μF surface mount
ceramic bypass capacitor be placed between pins 2 and
3, between pins 11and 12, and between pins10 and 9 with
direct short connections. Pins 3, 9 and 10 should be tied
directly to a low impedance ground plane with minimal
routing. For dual (split) power supplies, it is recommended
that at least two additional high quality, 0.1μF ceramic
capacitors are used to bypass pin V+ to ground and V– to
ground, again with minimal routing. For driving large loads
(<200
Ω),additionalbypasscapacitancemaybeneededfor
optimal performance. Keep in mind that small geometry
(e.g. 0603) surface mount ceramic capacitors have a much
higher self resonant frequency than do leaded capacitors,
and perform best in high speed applications.
Any stray parasitic capacitances to ground at the sum-
ming junctions IN+, and IN– should be kept to an absolute
minimum even if it means stripping back the ground plane
away from any trace attached to this node. This becomes
especially true when the feedback resistor network uses
resistor values >400
Ω in circuits with RF = RI. Excessive
peaking in the frequency response can be mitigated by add-
ing small amounts of feedback capacitance (0.5pF to 2pF)
around RF. Always keep in mind the differential nature of
the LTC6404, and that it is critical that the load impedances
seen by both outputs (stray or intended) should be as bal-
anced and symmetric as possible. This will help preserve
the natural balance of the LTC6404, which minimizes the
generation of even order harmonics, and preserves the
rejection of common mode signals and noise.
It is highly recommended that the VOCM pin be either hard
tied to a low impedance ground plane (in split supply
applications), or bypassed to ground with a high quality
ceramic capacitor whose value exceeds 0.01μF. This will
help stabilize the common mode feedback loop as well as
prevent thermal noise from the internal voltage divider and
Figure 10. LTC6404-1 Output Spot Noise vs Spot Noise
Contributed by Feedback Network Alone
RF = RI (Ω)
10
0.1
1
10
100
100
1k
10k
6404 F10
FEEDBACK RESISTOR
NETWORK NOISE ALONE
TOTAL (AMPLIFIER AND
FEEDBACK NETWORK)
OUTPUT NOISE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com