Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6404 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC6404
Description  600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6404 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC6404 Datasheet HTML 15Page - Linear Technology LTC6404 Datasheet HTML 16Page - Linear Technology LTC6404 Datasheet HTML 17Page - Linear Technology LTC6404 Datasheet HTML 18Page - Linear Technology LTC6404 Datasheet HTML 19Page - Linear Technology LTC6404 Datasheet HTML 20Page - Linear Technology LTC6404 Datasheet HTML 21Page - Linear Technology LTC6404 Datasheet HTML 22Page - Linear Technology LTC6404 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LTC6404
19
6404f
APPLICATIONS INFORMATION
Functional Description
The LTC6404 is a small outline, wide band, low noise,
and low distortion fully-differential amplifier with accurate
output phase balancing. The LTC6404 is optimized to drive
low voltage, single-supply, differential input 14-bit to 18-bit
analog-to-digital converters (ADCs). The LTC6404’s output
is capable of swinging rail-to-rail on supplies as low as
2.7V, which makes the amplifier ideal for converting ground
referenced, single-ended signals into DC level-shifted
differential signals in preparation for driving low voltage,
single-supply, differential input ADCs. Unlike traditional
op amps which have a single output, the LTC6404 has
two outputs to process signals differentially. This allows
for two times the signal swing in low voltage systems
when compared to single-ended output amplifiers. The
balanced differential nature of the amplifier also provides
even-order harmonic distortion cancellation, and less
susceptibility to common mode noise (e.g., power supply
noise). The LTC6404 can be used as a single-ended input
to differential output amplifier, or as a differential input to
differential output amplifier.
The LTC6404’s output common mode voltage, defined
as the average of the two output voltages, is independent
of the input common mode voltage, and is adjusted by
applying a voltage on the VOCM pin. If the pin is left open,
there is an internal resistive voltage divider that develops
a potential halfway between the V+ and V– pins. Whenever
this pin is not hard tied to a low impedance ground plane,
it is recommended that a high quality ceramic capacitor is
used to bypass the VOCM pin to a low impedance ground
plane (See Layout Considerations in this document). The
LTC6404’s internal common mode feedback path forces
accurate output phase balancing to reduce even order
harmonics, and centers each individual output about the
potential set by the VOCM pin.
VV
VV
OUTCM
OCM
OUT
OUT
==
+
+
–
2
The outputs (OUT+ and OUT–) of the LTC6404 are capable
of swinging rail-to-rail. They can source or sink up to ap-
proximately 65mA of current.
Additional outputs (OUTF+ and OUTF–) are available that
provide filtered versions of the OUT+ and OUT– outputs. An
on-chip single pole RC passive filter band limits the filtered
outputs to a –3dB frequency of 88.5MHz. The user has a
choice of using the unfiltered outputs, the filtered outputs,
or modifying the filtered outputs to adjust the frequency
response by adding additional components.
In applications where the full bandwidth of the LTC6404 is
desired, the unfiltered outputs (OUT+ and OUT–) should be
used. The unfiltered outputs OUT+ and OUT– are designed
to drive 10pF to ground (or 5pF differentially). Capacitances
greater than 10pF will produce excess peaking, and can
be mitigated by placing at least 25
Ω in series with each
output pin.
Input Pin Protection
The LTC6404’s input stage is protected against differential
input voltages which exceed 1.4V by two pairs of back-
to-back diodes connected in anti-parallel series between
IN+ and IN– (Pins 6 and 15). In addition, the input pins
have steering diodes to either power supply. If the input
pair is overdriven, the current should be limited to under
10mA to prevent damage to the IC. The LTC6404 also has
steering diodes to either power supply on the VOCM and
SHDN pins (Pins 4 and 1), and if forced to voltages which
exceed either supply, they too, should be current-limited
to under 10mA.
SHDN Pin
If the SHDN pin (Pin 1) is pulled 2.1V below the posi-
tive supply, circuitry is activated which powers down
the LTC6404. The pin will have the Thevenin equivalent
impedance of approximately 66k
Ω to V+. If the pin is left
unconnected, an internal pull-up resistor of 150k will
keep the part in normal active operation. Care should
be taken to control leakage currents at this pin to under
1μA to prevent inadvertently putting the LTC6404 into
shutdown. In shutdown, all biasing current sources are
shut off, and the output pins, OUT+ and OUT–, will each
appear as open collectors with a non-linear capacitor in
parallel and steering diodes to either supply. Because of
the non-linear capacitance, the outputs still have the ability
to sink and source small amounts of transient current if
driven by significant voltage transients. The inputs (IN+,
and IN–) appear as anti-parallel diodes which can conduct



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com