Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6404 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC6404
Description  600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6404 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC6404 Datasheet HTML 18Page - Linear Technology LTC6404 Datasheet HTML 19Page - Linear Technology LTC6404 Datasheet HTML 20Page - Linear Technology LTC6404 Datasheet HTML 21Page - Linear Technology LTC6404 Datasheet HTML 22Page - Linear Technology LTC6404 Datasheet HTML 23Page - Linear Technology LTC6404 Datasheet HTML 24Page - Linear Technology LTC6404 Datasheet HTML 25Page - Linear Technology LTC6404 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LTC6404
22
6404f
APPLICATIONS INFORMATION
According to Figure 4, the input impedance looking into
the differential amp (RINM) reflects the single ended source
case, thus:
R
R
R
RR
INM
I
F
IF
=
+
⎛
⎝⎜
⎞
⎠⎟
⎛
⎝⎜
⎞
⎠⎟
1
1
2
–•
R2 is chosen to balance R1 || RS:
R
RR
RR
IS
IS
2 =
+
•
Input Common Mode Voltage Range
The LTC6404’s input common mode voltage (VICM) is
defined as the average of the two input voltages, VIN+, and
VIN–. It extends from V– to 1.4V below V+. The operating
input common mode range depends on the circuit con-
figuration (gain), VOCM and VCM (Refer to Figure 5). For
fully differential input applications, where VINP = –VINM,
the common mode input voltage is approximately:
V
VV
V
R
RR
V
R
R
ICM
IN
IN
OCM
I
IF
CM
F
F
=
+
≈
+
⎛
⎝⎜
⎞
⎠⎟
+
+
–
•
•
2
++
⎛
⎝⎜
⎞
⎠⎟
RI
With singled ended inputs, there is an input signal com-
ponent to the input common mode voltage. Applying only
VINP (setting VINM to zero), the input common voltage is
approximately:
V
VV
V
R
RR
V
R
R
ICM
IN
IN
OCM
I
IF
CM
F
F
=
+
≈
+
⎛
⎝⎜
⎞
⎠⎟
+
+
–
•
•
2
++
⎛
⎝⎜
⎞
⎠⎟
+
+
⎛
⎝⎜
⎞
⎠⎟
R
VR
RR
I
INP
F
FI
2
•
Output Common Mode Voltage Range
The output common mode voltage is defined as the aver-
age of the two outputs:
VV
VV
OUTCM
OCM
OUT
OUT
==
+
+
–
2
The VOCM pin sets this average by an internal common
mode feedback loop which internally forces VOUT+=–VOUT–.
The output common mode range extends from 1.1V above
V– to 1V below V+ (see the Electrical Characteristics table
for the LTC6404-4 output common mode voltage range).
The VOCM pin sits in the middle of a voltage divider which
sets the default mid-supply open circuit potential.
Figure 5. Circuit for Common Mode Range
V–
V–
V+
0.1μF
0.1μF
0.1μF
0.1μF
0.1μF
VCM
–
+
1
SHDN
5
6
IN–
7
OUT+
8
OUTF+
16
15
IN+
NC
NC
14
OUT–
13
OUTF–
VOUTF
–
RF
VOUTF
+
VOUT
–
VOUT
+
2
V+
3
V–
V+
V+
V–
V+
V–
4
VOCM
VSHDN
VVOCM
VOCM
12
V–
11
V+
10
V+
9
V–
V–
V–
6404 F05
LTC6404
SHDN
0.1μF
0.01μF
RF
RI
RI
+
–
VINP
–
+
VINM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com