Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6404 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC6404
Description  600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6404 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC6404 Datasheet HTML 13Page - Linear Technology LTC6404 Datasheet HTML 14Page - Linear Technology LTC6404 Datasheet HTML 15Page - Linear Technology LTC6404 Datasheet HTML 16Page - Linear Technology LTC6404 Datasheet HTML 17Page - Linear Technology LTC6404 Datasheet HTML 18Page - Linear Technology LTC6404 Datasheet HTML 19Page - Linear Technology LTC6404 Datasheet HTML 20Page - Linear Technology LTC6404 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LTC6404
17
6404f
PIN FUNCTIONS
potential. On the LTC6404-2, the VOCM pin has a input
resistance of approximately 14k. On the LTC6404-4, the
VOCM pin has a input resistance of approximately 7k. The
VOCM pin should be bypassed with a high quality ceramic
bypass capacitor of at least 0.01μF, (unless you are using
split supplies, then connect directly to a low impedance,
low noise ground plane) to minimize common mode noise
from being converted to differential noise by impedance
mismatches both externally and internally to the IC.
NC (Pins 5, 16): No Connection. These pins are not con-
nected internally.
OUT+, OUT– (Pins 7, 14):
Unfiltered Output Pins. Besides
driving the feedback network, each pin can drive an ad-
ditional 50
Ω to ground with typical short-circuit current
limiting of ±65mA. Each amplifier output is designed to
drive a load capacitance of 10pF. This basically means
the amplifier can drive 10pF from each output to ground
or 5pF differentially. Larger capacitive loads should be
decoupled with at least 25
Ω resistors in series with each
output. For long-term device reliability, it is recommended
that the continuous (DC + ACRMS) output current be limited
to under 50mA.
OUTF+, OUTF– (Pins 8, 13):
Filtered Output Pins. These
pins have a series 50
Ω resistor connected between the
filtered and unfiltered outputs and three 12pF capacitors.
Both OUTF+ and OUTF– have 12pF to V–, plus an additional
12pF differentially between OUTF+ and OUTF–. This filter
creates a differential lowpass frequency response with
a –3dB bandwidth of 88.5MHz. For long-term device
reliability, it is recommended that the continuous (DC +
ACRMS) output current be limited to under 40mA.
IN+, IN– (Pins 15, 6):
Noninverting and Inverting Input Pins
of the Amplifier, Respectively. For best performance, it is
highly recommended that stray capacitance be kept to an
absolute minimum by keeping printed circuit connections
as short as possible, and if necessary, stripping back nearby
surrounding ground plane away from these pins.
Exposed Pad (Pin 17): Tie the pad to V– (Pins 3, 9, and 12).
If split supplies are used, do not tie the pad to ground.
BLOCK DIAGRAM
–
+
1
5
NC
6
IN–
7
OUT+
8
OUTF+
16
NC
15
IN+
14
OUT–
13
OUTF–
2
V+
3
V–
V+
V+
V+
V+
V+
V–
V–
V+
V+
50Ω
12pF
12pF
12pF
66k
V–
4
VOCM
VOCM
12
V–
6404 BD
11
V+
10
V+
9
V–
50Ω
2 • RVOCM
2 • RVOCM
V–
V–
V+
V–
V+
V–
V+
V–
V+
V–
V+
V–
V–
V–
SHDN
IC
LTC6404-1
LTC6404-2
LTC6404-4
2 • RVOCM
47k
28k
14k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com