Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6404 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6404
Description  600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6404 Datasheet(HTML) 1 Page - Linear Technology

  LTC6404 Datasheet HTML 1Page - Linear Technology LTC6404 Datasheet HTML 2Page - Linear Technology LTC6404 Datasheet HTML 3Page - Linear Technology LTC6404 Datasheet HTML 4Page - Linear Technology LTC6404 Datasheet HTML 5Page - Linear Technology LTC6404 Datasheet HTML 6Page - Linear Technology LTC6404 Datasheet HTML 7Page - Linear Technology LTC6404 Datasheet HTML 8Page - Linear Technology LTC6404 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC6404
1
6404f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
600MHz, Low Noise,
High Precision Fully Differential
Input/Output Amplifier/Driver
Single-Ended Input to Differential Output
with Common Mode Level Shifting
n Fully Differential Input and Output
n Low Noise: 1.5nV/√Hz RTI
n Very Low Distortion:
LTC6404-1 (2VP-P, 10MHz): –91dBc
LTC6404-2 (2VP-P, 10MHz): –96dBc
LTC6404-4 (2VP-P, 10MHz): –101dBc
n Closed-Loop –3dB Bandwidth: 600MHz
n Slew Rate: 1200V/μs (LTC6404-4)
n Adjustable Output Common Mode Voltage
n Rail-to-Rail Output Swing
n Input Range Extends to Ground
n Large Output Current: 85mA (Typ)
n DC Voltage Offset < 2mV (Max)
n Low Power Shutdown
n Tiny 3mm
× 3mm × 0.75mm 16-Pin QFN Package
n Differential Input A/D Converter Driver
n Single-Ended to Differential Conversion/Amplification
n Common Mode Level Translation
n Low Voltage, Low Noise, Signal Processing
The LTC
®6404 is a family of AC precision, very low noise,
low distortion, fully differential input/output amplifiers
optimized for 3V, single supply operation.
The LTC6404-1 is unity-gain stable. The LTC6404-2 is
designed for closed-loop gains greater than or equal to
2V/V. The LTC6404-4 is designed for closed-loop gains
greater than or equal to 4V/V. The LTC6404 closed-loop
bandwidth extends from DC to 600MHz. In addition to the
normal unfiltered outputs (OUT+ and OUT–), the LTC6404
has a built-in 88.5MHz differential single-pole lowpass
filter and an additional pair of filtered outputs (OUTF+,
OUTF–). An input referred voltage noise of 1.5nV/√Hz
make the LTC6404 able to drive state-of-the-art 16-/18-bit
ADCs while operating on the same supply voltage, saving
system cost and power. The LTC6404 is characterized, and
maintains its performance for supplies as low as 2.7V and
can operate on supplies up to 5.25V. It draws only 27.3mA,
and has a hardware shutdown feature which reduces cur-
rent consumption to 250μA.
The LTC6404 family is available in a compact 3mm
× 3mm
16-pin leadless QFN package and operates over a –40°C
to 125°C temperature range.
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
–
+
402Ω
3V
0.1μF
VOCM
1.5VDC
1.5VDC
0V
6404 TA01
VS
1VP-P
402Ω
100Ω
50Ω
SIGNAL
GENERATOR
71.5Ω
130Ω
0.1μF
1.5VDC
1VP-P
0.5VP-P
LTC6404-4 Distortion vs Frequency
FREQUENCY (MHz)
0.1
–100
–90
–80
–70
–60
1
10
100
64044 G16
–110
–120
–130
–50
–40
VCM = VOCM = MID-SUPPLY
VS = 3V
VOUT = 2VP-P
RI = 100Ω, RF = 402Ω
DIFFERENTIAL INPUT
SINGLE-ENDED INPUT
HD2
HD2
HD3
HD3


Similar Part No. - LTC6404

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6404 AD-LTC6404 Datasheet
250Kb / 20P
Dual Matched 7MHz Filter with Low Noise, Low Distortion Differential Amplifi er
LTC6404 AD-LTC6404 Datasheet
263Kb / 20P
Dual Matched 10MHz Filter with Low Noise, Low Distortion Differential Amplifi er
LTC6404 AD-LTC6404 Datasheet
258Kb / 20P
Dual Matched 14MHz Filter with Low Noise, Low Distortion Differential Amplifi er
logo
Linear Technology
LTC6404-1 LINER-LTC6404-1 Datasheet
1Mb / 24P
16-Bit, 20Msps ADC
LTC6404-1 LINER-LTC6404-1 Datasheet
1Mb / 32P
1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
More results

Similar Description - LTC6404

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1994 LINER-LT1994 Datasheet
296Kb / 20P
Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
LTC6403-1 LINER-LTC6403-1 Datasheet
218Kb / 20P
200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
LTC6405 LINER-LTC6405 Datasheet
286Kb / 24P
2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6406 LINER-LTC6406 Datasheet
271Kb / 24P
3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
LTC6403-1 LINER-LTC6403-1_15 Datasheet
242Kb / 20P
200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
LTC6406 LINER-LTC6406_15 Datasheet
330Kb / 24P
3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6404 LINER-LTC6404_15 Datasheet
344Kb / 28P
600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
logo
AVAGO TECHNOLOGIES LIMI...
MGA-52543 AVAGO-MGA-52543 Datasheet
98Kb / 8P
Low Noise Amplifi er
logo
Analog Devices
LTC6403-1 AD-LTC6403-1 Datasheet
264Kb / 22P
Low Noise, Low Power Fully Differential Input/Output Amplifier/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com