Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6404 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC6404
Description  600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6404 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC6404 Datasheet HTML 20Page - Linear Technology LTC6404 Datasheet HTML 21Page - Linear Technology LTC6404 Datasheet HTML 22Page - Linear Technology LTC6404 Datasheet HTML 23Page - Linear Technology LTC6404 Datasheet HTML 24Page - Linear Technology LTC6404 Datasheet HTML 25Page - Linear Technology LTC6404 Datasheet HTML 26Page - Linear Technology LTC6404 Datasheet HTML 27Page - Linear Technology LTC6404 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LTC6404
24
6404f
Figure 8. LTC6404 Filter Topology Modified for 1/2x Filter
Bandwidth (3 External Capacitors)
capacitor solution of 12pF from each filtered output to
ground plus a 12pF capacitor between the filtered outputs
would also halve the filter bandwidth (Figure 8).
Noise Considerations
The LTC6404’s input referred voltage noise is on the
order of 1.5nV/√Hz. Its input referred current noise is on
the order of 3pA/√Hz. In addition to the noise generated
by the amplifier, the surrounding feedback resistors also
contribute noise. A noise model is shown in Figure 9.
The output noise generated by both the amplifier and the
feedback components is governed by the equation:
e
e
R
R
IR
e
no
ni
F
I
nF
n
=
+
⎛
⎝⎜
⎞
⎠⎟
⎛
⎝⎜
⎞
⎠⎟
+
() +
••
•
•
12
2
2
2
R
RI
F
I
nRF
R
R
e
••
⎛
⎝⎜
⎞
⎠⎟
⎛
⎝⎜
⎞
⎠⎟
+
2
2
2
A plot of this equation, and a plot of the noise generated
by the feedback components for the LTC6404 is shown
in Figure 10.
APPLICATIONS INFORMATION
Figure 9. Noise Model of the LTC6404
–
+
7
OUT+
8
OUTF+
14
OUT–
13
OUTF–
12
V–
9
V–
V–
V–
6404 F08
LTC6404
FILTERED OUTPUT
(44.25MHz)
50Ω
12pF
12pF
12pF
12pF
12pF
50Ω
12pF
–
+
1
SHDN
5
6
IN–
7
OUT+
8
OUTF+
16
15
IN+
NC
NC
14
OUT–
13
OUTF–
eno
2
RF2
2
V+
3
V–
V+
V+
V–
V+
V–
VOCM
VOCM
12
V–
11
V+
10
V+
9
V–
V–
V–
6404 F09
LTC6404
enof
2
enRI2
2
SHDN
RF1
RI2
RI1
V–
V+
V–
4
enRF2
2
enRI1
2
encm
2
eni
2
enRF1
2
in
+2
in
–2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com