Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MICRF219
Description  300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Check and Squelch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MICRF219 Datasheet HTML 2Page - Micrel Semiconductor MICRF219 Datasheet HTML 3Page - Micrel Semiconductor MICRF219 Datasheet HTML 4Page - Micrel Semiconductor MICRF219 Datasheet HTML 5Page - Micrel Semiconductor MICRF219 Datasheet HTML 6Page - Micrel Semiconductor MICRF219 Datasheet HTML 7Page - Micrel Semiconductor MICRF219 Datasheet HTML 8Page - Micrel Semiconductor MICRF219 Datasheet HTML 9Page - Micrel Semiconductor MICRF219 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Micrel
MICRF219
Functional Diagram
SYNTHESIZER
CONTROL
LOGIC
IF AMP
LNA
MIXER
MIXER
CONTROL
LOGIC
CO
January 2009
6
M9999-011509
(408) 944-0800
NTROL
LOGIC
CONTROL
LOGIC
-f
f
i
IMAGE
REJECT
FILTER
DESENSE
DETECTOR
OOK
DEMODULATOR
UHF
DOWNCOVERTER
REFERENCE
AND CONTROL
AUTOPOLL
PROGRAMMABLE
FILTER
BITCHECK
WAKE-UP
SQUELCH
SLEEP
TIMER
SLEEP
OSCILLATOR
REFERENCE
OSCILLATOR
AGC
CONTROL
RSSI
RSSI
DO
CAGC
CTH
SLICER
SLICE
LEVEL
DO
DO'
DO'
fLO
Figure 1.
mplified Block Diagram.
9
• OOK Demodulator
• Reference and Control logic
• Auto-poll circuitry
Outside the device, the MICRF219 receiver requires just
three components to operate: two capacitors (CTH, and
CAGC) and the reference frequency device (usually a
quartz crystal). An additional five components are used
to improve performance; a power supply decoupling
capacitor, two components for the matching network,
and two components for the pre-selector band-pass
filter.
wnconverter
ix components: LNA,
filter, band pass filter
LNA
The RF input signal is AC-coupled into the gate circuit of
the grounded source LNA input stage. The LNA is a
Cascoded NMOS amplifier. The amplified RF signal is
then fed to the RF ports of two double balanced mixers.
Mixers and Synthesizer
The LO ports of the Mixers are driven by quadrature
local oscillator outputs from the synthesizer block. The
local oscillator signal from the synthesizer is placed on
the low side of the desired RF signal to allow
Si
Functional Description
The simplified block diagram, shown in
illustrates the basic structure of the MICRF21
It is made up of four sub-blocks:
• UHF Down-converter
Figure 1,
Receiver Operation
receiver.
UHF Do
The UHF down-converter has s
mixers, synthesizer, image reject
and IF amp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com