Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MICRF219
Description  300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Check and Squelch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MICRF219 Datasheet HTML 4Page - Micrel Semiconductor MICRF219 Datasheet HTML 5Page - Micrel Semiconductor MICRF219 Datasheet HTML 6Page - Micrel Semiconductor MICRF219 Datasheet HTML 7Page - Micrel Semiconductor MICRF219 Datasheet HTML 8Page - Micrel Semiconductor MICRF219 Datasheet HTML 9Page - Micrel Semiconductor MICRF219 Datasheet HTML 10Page - Micrel Semiconductor MICRF219 Datasheet HTML 11Page - Micrel Semiconductor MICRF219 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Micrel
MICRF219
January 2009
M9999-011509
(408) 944-0800
8
e
of
,
tr
ceiver not to learn the
n
eceiver gain, so the receiver only r
the transmitter at close range.
de-s
n
hro
l
ramm g.
D0
D1
E: Desens
Desense
Desense is a function designed to reduce th
of the MICRF219 receiver to a maximum
training the MICRF219 receiver. This is done
recognize an intended transmitter. Very often
needs to learn how to recognize a particular
It is important for the re
sensitivity
45dB for
in order to
ansmitter.
signal of a
is to turn
ecognizes
ugh seria
a receiver
stray transmitter near by. The simplest solutio
down the r
The
ense functio is accessible only t
prog
in
D2
MOD
e
0
X
X
No Desense - default
1
0
0
6dB Desense
1
1
0
16dB Desense
1
0
1
30dB Desense
1
1
1
42dB Desense
ts in Reference and Control sub-
: 1) Reference Oscillator and 2) Control Logic
1, SHDN
MICRF219 (Figure 2.
a basic Pierce crystal
S transconductor to
gh the MICRF219 has
build-in load capacitors for the crystal oscillator, the
required for tuning it to
frequency. R01 and R02 are external pins of
ect the crystal to the reference
ncy can be calculated:
FREF OSC = FRF/(32 + 1.1/12)
For 433.92 MHz, FREF OSC = 13.52127 MHz.
To operate the MICRF219 with minimum offset, crystal
frequencies should be specified with 10pF loading
capacitance.
V BIAS
Reference Control
There are 2 componen
block
through parallel Inputs: S
Reference Oscillator
The reference oscillator in the
Reference Oscillator Circuit
EL0, SEL
) uses
oscillator configuration with MO
provide negative resistance. Thou
external load capacitors are still
the right
the MICRF219 to conn
oscillator.
Reference oscillator crystal freque
RO2
R
RO1
C
C
Figure 2. Reference Oscillator Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com