Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MICRF219
Description  300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Check and Squelch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MICRF219 Datasheet HTML 1Page - Micrel Semiconductor MICRF219 Datasheet HTML 2Page - Micrel Semiconductor MICRF219 Datasheet HTML 3Page - Micrel Semiconductor MICRF219 Datasheet HTML 4Page - Micrel Semiconductor MICRF219 Datasheet HTML 5Page - Micrel Semiconductor MICRF219 Datasheet HTML 6Page - Micrel Semiconductor MICRF219 Datasheet HTML 7Page - Micrel Semiconductor MICRF219 Datasheet HTML 8Page - Micrel Semiconductor MICRF219 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Micrel
MICRF219
January 2009
4
M9999-011509
(408) 944-0800
Condition
Min
Typ
Max
Units
Parameter
Reference Osci
Bias Voltage
llator
RO2
15
V
1.
Reference Osci
Input Range
llat
0
1.5
Vp-p
or
.2
Reference Oscillator
urrent
= 0V
300
µA
Source C
V(REFOSC)
Demodulator
FREFOSC = 9.81563 MHz
165
CTH Source
kΩ
Impedance
FREFOSC = 13.52127MHz
120
CTH Leakage Cur
TA = +105ºC
2
800
nA
nA
rent
TA = 25ºC
±
±
Demodulator Filter
Bandwidth @ 315M
Programmable, see application section
1170
9400
Hz
Hz
Demodulator Filter
ee application se tion
1625
13000
Hz
Programmable, s
Bandwidth @ 434MHz
c
Digital / Control Functions
DO pin output curr
sink @ 0.2 Vdd
260
600
µA
ent
As output source @ 0.8 Vdd
Output rise and fall ti
CI = 15pF, pin DO, 10-90%
2
µsec
mes
Input High Voltage
Pins SCLK, DO (As input), SHDN,SEL0,
L1,SQ
0.8Vdd
V
SE
Input Low Voltage
DO (As input), SHDN
EL0
0.2Vdd
V
Pins SCLK,
, S
,
SEL1,SQ
Output Voltage Hig
DO
0.8Vdd
V
h
Output Voltage Lo
DO
0.2Vdd
V
w
RSSI
-100dBm
0.4
RSSI DC Output
Voltage Range
-40dBm
2.0
V
RSSI response slope
-110dBm to -40dBm
25
mV/dB
RSSI Output Current
400
µA
RSS
Ω
I Output Impedance
250
RSSI Response Time
50% data duty cycle, input power to
Antenna = -20dBm
0.3
sec
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside of its operating rating.
Note 3.
Device is ESD sensitive. Use appropriate ESD precautions. Exceeding the absolute maximum rating may damage the device.
Note 4.
Sensitivity is defined as the average signal level measured at the input necessary to achieve 10-2 BER (bit error rate). The input signal is
defined as a return-to-zero (RZ) waveform with 50% average duty cycle (Manchester encoded) at a data rate of 1kbps.
Note 5.
When data burst does not contain preamble, duty cycle is defined as total duty cycle, including any “quiet” time between data bursts. When
data bursts contain preamble sufficient to charge the slice level on capacitor CTH, then duty cycle is the effective duty cycle of the burst
alone. [For example, 100msec burst with 50% duty cycle, and 100msec “quiet” time between bursts. If burst includes preamble, duty
cycle is TON/(TON+tOFF)= 50%; without preamble, duty cycle is TON/(TON+ TOFF + TQUIET) = 50msec/(200msec)=25%. TON is the (Average
number of 1’s/burst) × bit time, and TOFF = (TBURST – TON.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com