Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219 Datasheet(PDF) 18 Page - Micrel Semiconductor

Part # MICRF219
Description  300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Check and Squelch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219 Datasheet(HTML) 18 Page - Micrel Semiconductor

Back Button MICRF219 Datasheet HTML 14Page - Micrel Semiconductor MICRF219 Datasheet HTML 15Page - Micrel Semiconductor MICRF219 Datasheet HTML 16Page - Micrel Semiconductor MICRF219 Datasheet HTML 17Page - Micrel Semiconductor MICRF219 Datasheet HTML 18Page - Micrel Semiconductor MICRF219 Datasheet HTML 19Page - Micrel Semiconductor MICRF219 Datasheet HTML 20Page - Micrel Semiconductor MICRF219 Datasheet HTML 21Page - Micrel Semiconductor MICRF219 Datasheet HTML 22Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Micrel
MICRF219
Serial Interface Register Loading Examples
See Figures 15 – 17. (Channel 1 is the DO pin, and
channel 2 is the SCLK pin).
= 1, D17 = D0 = 0
ple
dwidth = 1712 hertz, 1
500 usec. Required
500usec = 1300 hertz
vel = 50%
bit check = 4 bits. This is the time the
cking for four consecutive valid
s.
1, D11 = 0, data rate is 1 kHz, (500 usec
), window set to 433 usec (< 500 usec)
0, D14 = 1, sleep timer set to 160 msec,
msec is OFF.
D15 = 1, device is placed in autopoll
D
d
s set to 0.
D17 = 0, squ
Figure 15. All bits D19 through D0 = 0
Figure 17. D19 = D18
Auto-Poll Programming Exam
Auto-Poll example, see Figure 18
D0 = D1 = D2 = 0, no desense
D3 = D4 = 0, demodulator ban
kHz baud rate, pulse =
demodulator bandwidth is 0.65/
D5 = D6 = 1, Slice le
D7 = 0, D8 = 1,
device is ON che
window
D9 = D10 =
pulses
D12 = D13 =
that is, 4 bit is ON and 160
16 = 0, not use . Alway
elch is OFF
Figure 16. All bits D19 through D0 = 1
D
hdog timer is OFF
D19 = 0, no RSSI offset
From MSB to LSB, see Table 9:
D19
D18
D17
D16
D15
D14
D13
D12
18 = 1, watc
0
1
0
0
1
1
0
0
D11 D10 D9
D8
D7
D6
D5
0
1
1
1
0
1
1
D4
D3
D2
D1
D0
0
0
0
0
0
Table 9. Auto-Poll example bit sequence.
January 2009
18
M9999-011509
(408) 944-0800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com