Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219 Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MICRF219
Description  300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Check and Squelch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219 Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MICRF219 Datasheet HTML 8Page - Micrel Semiconductor MICRF219 Datasheet HTML 9Page - Micrel Semiconductor MICRF219 Datasheet HTML 10Page - Micrel Semiconductor MICRF219 Datasheet HTML 11Page - Micrel Semiconductor MICRF219 Datasheet HTML 12Page - Micrel Semiconductor MICRF219 Datasheet HTML 13Page - Micrel Semiconductor MICRF219 Datasheet HTML 14Page - Micrel Semiconductor MICRF219 Datasheet HTML 15Page - Micrel Semiconductor MICRF219 Datasheet HTML 16Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Micrel
MICRF219
January 2009
12
M9999-011509
(408) 944-0800
Application Information
219BP
n Exam
, 433.92 MH
R21
ures
CB pictures. The QR219BPF is a good s
point for the prototyping of most applications. Current
options: A wire anten
lso
icatio
mov
ante
Front-End Band Pass Filter
Components L1 and C8 form the band-pass filter at
front of the receiver. Its purpose is to attenuate
undesired outside band noise that degrades the
receiver performance. It is calculated by the parallel
resonance
equation:
f = 1/(2×PI×(SQRT L1×C8)).
Table 2 shows the component values for most
often used frequencies.
Figure 4. QR
Antenna and RF Port Connections
Figure 4 shows the schematic of the Q
configured for 433.29 MHz operation. Fig
are P
F Applicatio
ple
z
9BPF
19-23
tarting
design offers two antenna
Ω
na or
50
SMA antenna. The SMA connection a
an RF signal to be injected for test or verif
use an antenna such as a 50
Ω whip, re
SMA and solder the whip antenna in the hole
PCB instead. A wire of 22AWG with 167mm (6.
allows
n. To
e the
on the
-inch)
nna is
can be used as a substitution if low cost
needed.
Freq (MHz)
C8 (pF)
L1(nH)
315.0
6.8
390.0
39
6.8
418.0
24
6.0
24
433.92
5.6
24
ilter values for various
s
emoved if the outside
blem. The MICRF219
rs which improve the
e band noise.
Low-Noise Amplifier Input Matching
Capacitor C3 and inductor L2 form the “L” shape input
matching network. The capacitor provides additional
attenuation for low-frequency outside band noise.
The inductor provides additional ESD protection for
the antenna pin. Two methods can be used to find
these values that best matched near 50Ω. One
method is done by calculating the values using the
equations below and the other is using a Smith chart
utility. The latter is made easier via a software plot
where components are added on. In this way, the user
Table 2. Front Band-Pass F
frequencie
This band-pass filter can be r
band noise does not cause a pro
has built-in image reject mixe
selectivity significantly and reject outsid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com