Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MICRF219
Description  300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Check and Squelch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MICRF219 Datasheet HTML 5Page - Micrel Semiconductor MICRF219 Datasheet HTML 6Page - Micrel Semiconductor MICRF219 Datasheet HTML 7Page - Micrel Semiconductor MICRF219 Datasheet HTML 8Page - Micrel Semiconductor MICRF219 Datasheet HTML 9Page - Micrel Semiconductor MICRF219 Datasheet HTML 10Page - Micrel Semiconductor MICRF219 Datasheet HTML 11Page - Micrel Semiconductor MICRF219 Datasheet HTML 12Page - Micrel Semiconductor MICRF219 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Micrel
MICRF219
Edge
Detector
DOUT
CLK
CLK
Data Edge Pulses
Good
Bit
Select 0, 2, 4, 8 Good
Bits Before Wakeup
January 2009
9
M9999-011509
(408) 944-0800
D15 = 0 for Normal Operation
D15 = 1 for Auto Polled Operation
SQUELCH
Disables DO
SQUELCH Decode
Window
Counter
Decode
Bad Bits
WAKEUP
Timer (300µs)
WATCHDOG
ontrol
Timer
Serial C
Register
Decode Good
Bit Count
>=7
Good
<=4
Good
Window
Decode
CLK
D
8 Stage
Shift Register
Auto Poll
CLK
SR
D7 D8
D15
SQ
QA1 Bad Bit
Returns to
SLEEP
R
. Au
low
er when the
circ
od.
regis
t the
trol
re u
g, s
D13, D14 set to the desired sleep time.
The device
will go to sleep for the programmed timer duration
then wake up to receive data if it is present. The
device will stay awake until serial bit D15 is set low,
then set high again, to enable a further sleep period.
The sleep duty cycle may be controlled by the timing
of serial commands.
Auto-Polling with Bit-Checking
For auto-polling with bit-checking, the serial register
bits D7and D8 need to be set for the number of bits to
receiver outputs data
window bits D9, D10,
the data period. The
ves the least critical bit
rimination, the window
towards the normal
en data edges. Note
an this will result in all
e device will remain in
n the serial command
go to sleep for the
e to receive and check
t data again at DO as soon
as the programmed numbers of good RTZ bits have
been received. If a bad bit is seen, the device will
return to sleep mode and poll again for good bits after
the timeout period. Both high and low periods are
checked for each RTZ bit. If data transitions are not
received, the device will return to sleep after the bit-
check watchdog timeout period unless bit D18 has
been sent. In this case the device will continue to
check bits until sufficient good bits enable the device
to wake up, or bad bits return the device to sleep.
Figure 3
Auto-Polling
The auto-poll block (
topoll, Bit-Check Block Diagram
power
rest of
uits to
Auto-
ter, in
sleep
of the
sed to
For simple auto-polling without bit-checkin
end a
serial command with bit D15 set high and bits D12,
be checked as good, before the
at the DO pin. The bit-check
D11 must also be set to match
shortest default window time gi
check action. For better disc
setting may be increased up
minimum time expected betwe
that a window time set longer th
bits being tested as bad and th
sleep polling mode. Now, whe
sets bit D15 high, the device will
timer period and will then awak
bits. The device will outpu
Figure 3) contains a
p tim
oscillator that drives the slee
the device is powered down. It also contains
check whether the received bits are go
polling is controlled by bit D15 in the serial
conjunction with bits D12, D13, D14 to se
timer period. Bits D7, D8, are used for con
bit-check operation and bits D9, D10, D11 a
adjust the sensitivity of the bit-check action.
Auto-Polling without Bit-Checking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com