Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MICRF219
Description  300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Check and Squelch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MICRF219 Datasheet HTML 1Page - Micrel Semiconductor MICRF219 Datasheet HTML 2Page - Micrel Semiconductor MICRF219 Datasheet HTML 3Page - Micrel Semiconductor MICRF219 Datasheet HTML 4Page - Micrel Semiconductor MICRF219 Datasheet HTML 5Page - Micrel Semiconductor MICRF219 Datasheet HTML 6Page - Micrel Semiconductor MICRF219 Datasheet HTML 7Page - Micrel Semiconductor MICRF219 Datasheet HTML 8Page - Micrel Semiconductor MICRF219 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Micrel
MICRF219
January 2009
2
M9999-011509
(408) 944-0800
Pin Configuration
1
RO1
GNDRF
ANT
GNDRF
Vdd
SQ
SHDN
16 RO2
SCLK
RSSI
CAGC
CTH
SEL1
DO
GND
15
14
13
12
11
10
9
2
3
4
5
6
8
SEL0 7
MICRF219AYQS
Pin Descr
-Pi
SOP
i
am
iption
16
n
P
Q
N
n
Pin Function
e
1
O
t: Reference resonator input connection to pierce oscillator stage. May also be
capacitance of
R 1
Reference Oscillator Inpu
driven by external reference signal of 200mVp-p to 1.5V p-p amplitude maximum. Internal
7pF to GND during normal operation.
2
ND
G
RF
Negative supply connection associated with ANT RF input.
3
AN
ed a matching network
T
Antenna Input: RF signal input from antenna. Internally AC coupled. It is recommend
with an inductor-to-RF ground be used to improve ESD protection.
4
GNDRF
Ground connection for ANT RF input.
5
D
ated as close to the VDD pin
V D
Positive supply connection for all chip functions. Bypass with 0.1uF capacitor loc
as possible.
6
S
p pulls the logic-input HIGH when the device is enabled.
applied the SQ pin. See
Q
Squelch Control Logic-Level Input. An internal pull-u
Bit D17 sets whether squelch is enabled or disabled when a logic-level signal is
Squelch Enable Truth-Table on page
7
E
l) when not in shutdown
serial interface contains
e.
S L0
Demodulator Filter Bandwidth Select Logic-Level Input:) Internal pull-up (3uA typica
or SLEEP mode. Used in conjunction with SEL1 to control D3 bandwidth LSB when
default setting. It does not need to be defined in SLEEP mod
8
H
-level HIGH places the
.
S DN
Shutdown control Logic-Level Input. A logic-level LOW enables the device. A logic
device in low-power shutdown mode. An internal pull-up pulls the logic input HIGH
9
N
G D
Negative supply connection for all chip functions except for RF input.
10
D
king test is acceptable. A
output during normal operation this pin is also used as a CMOS Schmitt input for serial
modes.
O
Data Input and Output. Demodulated data output. May be blanked until bit chec
current limited CMOS
interface data. A 25kΩ pull-down is present when device is in shutdown and sleep
11
E
ical) pull-up when not in shutdown or
B, when serial interface contains
default setting. It does not need to be defined in SLEEP mode.
S L1
Demodulator Filter Bandwidth Select Logic-Level Input: Internal (3uA typ
SLEEP mode. Used in conjunction with SEL0, to control D4 bandwidth MS
12
CTH
Demodulation threshold voltage integration capacitor. Capacitor-to-GND sets the settling time for the
demodulation data slicing level. Values above 1nF are recommended and should be optimized for data rate
and data profile.
13
CAGC
AGC filter capacitor. A capacitor, normally greater than 0.47μF, is connected from this pin-to-GND
14
RSSI
Received signal strength indication (output): Output is from a switched capacitor integrating op amp with
220Ω typical output impedance.
15
SCLK
Serial interface input clock. CMOS Schmitt input. A 25kΩ pull-down is present when device is in shutdown
mode.
16
RO2
Reference resonator connection. Internal capacitance of 7pF to GND during normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com