Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MICRF219
Description  300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Check and Squelch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MICRF219 Datasheet HTML 7Page - Micrel Semiconductor MICRF219 Datasheet HTML 8Page - Micrel Semiconductor MICRF219 Datasheet HTML 9Page - Micrel Semiconductor MICRF219 Datasheet HTML 10Page - Micrel Semiconductor MICRF219 Datasheet HTML 11Page - Micrel Semiconductor MICRF219 Datasheet HTML 12Page - Micrel Semiconductor MICRF219 Datasheet HTML 13Page - Micrel Semiconductor MICRF219 Datasheet HTML 14Page - Micrel Semiconductor MICRF219 Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Micrel
MICRF219
January 2009
11
M9999-011509
(408) 944-0800
lect
D16
MODE: Demod BW Se
0
Normal Demod BW’s - default
1
as
vailable)
F t Demod BW’s, (not a
SQ Pin
D1
ch Enable
7
MODE: Squel
0
0
quelch Circuit Enabled
S
0
1
it Disabled
Squelch Circu
1
0
Squelch Circuit Disabled
(default)
1
1
Squelch Circuit Enabled
The external pin SQ can invert the setting of squelch
on/off defined by register bit D17. The external pin
au
hig
ia
-up so the squelch is
off w
if D17 = 1. Such bit
logic
o low (Ground).
D18
D3
MODE: Bit-Check
out
def lts
h v
an internal pull
ith default D17 = 0 and on
is reversed if SQ pin is tied t
D4
Watchdog Time
Sleep polling watchdog active - d
Watchdog time
efault
for D3, D4, BW setting
0
0
20ms
0
1
5ms
1
0
10ms
0
1
1
5ms
1
Sleep polling watchdog disabled - unlimited
poll period
DE: RSSI
D19
MO
0
RSSI offset 0mV
- default
1
RSSI offset +200mV
D19
MODE: Fast AGC Settling Disable
0
All improved fast attack AGC and CTH
hold circuits are enabled - default
1
Fast attack and CTH hold operation is
disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com