Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219 Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MICRF219
Description  300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Check and Squelch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219 Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MICRF219 Datasheet HTML 11Page - Micrel Semiconductor MICRF219 Datasheet HTML 12Page - Micrel Semiconductor MICRF219 Datasheet HTML 13Page - Micrel Semiconductor MICRF219 Datasheet HTML 14Page - Micrel Semiconductor MICRF219 Datasheet HTML 15Page - Micrel Semiconductor MICRF219 Datasheet HTML 16Page - Micrel Semiconductor MICRF219 Datasheet HTML 17Page - Micrel Semiconductor MICRF219 Datasheet HTML 18Page - Micrel Semiconductor MICRF219 Datasheet HTML 19Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Micrel
MICRF219
January 2009
15
M9999-011509
(408) 944-0800
ata
n fo
ctly, it is
idth of th
ilar
elow PW2
sed for the
fou
foun
efe
e pe
th w
eref
y (0
a
20% duty cycle, then the ban
dth
required would be 32.5kHz (0.65 / 20µsec). This
ld excee
um
th of the
demodulator
t.
e tr
exceed the
maximum bandwidth, the pulse would appear
tch
w
L0
JP1
EL
JP2
Demo
BW
Sho
Pulse
Maximum
baud rate
50%
Cycle
Demodulator Bandwidth Selection and D
Stream Optimization
JP1 and JP2 are the bandwidth selectio
demodulator bandwidth. To set it corre
necessary to know the shortest pulse w
encoded data sent in the transmitter. Sim
example of the data profile in the Figure 7 b
is shorter than PW1, so PW2 should be u
demodulator bandwidth calculation which is
0.65/shortest pulse width. After this value is
setting should be done according to Error! R
source not found.. For example, if the puls
100µsec, 50% duty cycle, the pulse wid
50µsec (PW = (100µsec × 50%) / 100). Th
bandwidth of 13kHz would be necessar
50µsec). However, if this data stream had
period with a
r the
e
the
to
,
nd by
d, the
rence
riod is
ill be
ore, a
.65 /
se
pul
dwi
wou
d the
circui
maxim
If on
bandwid
ies to
stre
ed or ider.
SE
S
1
d.
(hertz)
(µsec)
rtest
for
Duty
(Hz)
Short
Short
1625
400
1250
Open
Short
3250
200
2500
Short
Open
6500
100
5000
Open
Open
13000
50
10000
Table 5
and
MHz.
r
en
will have different demodulator
dwidth limits, which is derived
the reference
lla
eq
. Er
! Refe
e sourc
found. and Table 7 below shows the limits f
oth
SEL0
JP1
SEL1
JP2
Demod.
BW
(hertz)
Shortest
Pulse
(µsec)
Maxim
baud r
50% Duty
Cycle (Hz)
. JP1
JP2 setting, 433.92
Othe frequ cies
ban
from
osci tor fr uency
ror
renc
e not
or the
um
ate for
er two most used frequencies.
Short
Short
1565
416
1204
Open
Short
3130
208
2408
Short
Open
6261
104
4816
Open
Open
12523
52
9633
Table 6. JP1 and JP2 setting, 418.0 MHz.
S
S
JP2
D
(he
st
Pulse
(µsec)
Maximum
baud rate for
50% Duty
Cycle (Hz)
EL0
JP1
EL1
emod.
BW
Shorte
rtz)
Short
Short
11
445
1123
70
Open
Short
23
223
2246
50
Short
Open
4700
111
4493
Open
Open
9400
56
8987
Table 7. JP1 and JP2 se
AGC
Capacitor
and
Data
Capacitor Seletion
Capacitors C6 and C4 are CTH
respectively
tting, 315 MHz.
Slicer
Threshold
and CAGC capacitors
providing a time base reference for the
data pattern received. These capacitors are selected
according to data profile, pulse duty cycle, dead time
between two received data packets, and if the data
pattern does has or not have a preamble. See Figure
8 for example of a data profile.
ur
a
f a Data Profile.
best results, they shou
ways be optimized for
data
ern
.
baud rate increases, the
acit
es
re
able 8 shows suggested
e
ata, 50% duty cycle.
)
Cth
Cagc
Fig e 8. Ex mple o
For
the
ld al
patt
used A
e
ase. T
s th
cap
or valu
dec
values for Manch ster Encoded d
SEL0
JP1
SEL1
JP2
Demod.
BW
(hertz
Short
Short
1625
100nF
4.7µF
Open
Short
3250
47nF
2.2µF
Short
Open
6500
22nF
1µF
Open
Open
13000
10nF
0.47µF
Table 8. Suggested CTH and CAGC Values.
JP3 and JP4 are jumpers selectable to high or low
and used to configure the digital squelch function.
When it is tied to high, there is no squelch applied to
the digital circuits and the DO (data out) pin has a
hash signal. When the pin is low, the DO pin activity is
considerably reduced. It will have more or less than



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com