Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MICRF219
Description  300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Check and Squelch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MICRF219 Datasheet HTML 1Page - Micrel Semiconductor MICRF219 Datasheet HTML 2Page - Micrel Semiconductor MICRF219 Datasheet HTML 3Page - Micrel Semiconductor MICRF219 Datasheet HTML 4Page - Micrel Semiconductor MICRF219 Datasheet HTML 5Page - Micrel Semiconductor MICRF219 Datasheet HTML 6Page - Micrel Semiconductor MICRF219 Datasheet HTML 7Page - Micrel Semiconductor MICRF219 Datasheet HTML 8Page - Micrel Semiconductor MICRF219 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Micrel
MICRF219
January 2009
3
M9999-011509
(408) 944-0800
.
.
.
Storage Temperature (Ts)...................... -65ºC to +150°C
wer ......................... +10dBm
.............+3.0V to +3.6V
......... –40°C to +105°C
............................. 3.6V
........................ -20dBm
Receive Modulation Duty Cycle
(6) .................... 20~80%
Frequency Range...........................300MHz to 450MHz
l Charact
ations app
3.3V, GND = 0V, C
= 4.7µF, CTH
µF
Hz unless otherwise noted.
ndica
ata rate (Manc
ter e
de
ference oscillator frequency =
127MHz.
Min
yp
Max
Units
Absolute Maximum Ratings(1)
Supply Voltage (VDD) ..................................... .......... +5V
Supply voltage (VDD)................
Input Voltage. .................................................. .......... +5V
Ambient Temperature (T ) ........
Junction Temperature ....................... .............
.
.....+150ºC
A
Lead Temperature (soldering, 10sec.) ................ ...300°C
Input Voltage (Vin) ....................
Maximum Input RF Power.........
.
Maximum Receiver Input Po
(3)
EDS Rating ................................................... 2KV HBM
Electrica
eristics
Operating Ratings(2)
Specific
ly for VDD =
AGC
te –40°C – T – 105°C. 1kbps d
= 0.1
, f
= 433.92 M
RX
nco
Bold values i
13.52
A
hes
d), re
Parameter
Condition
T
Continuous Operation, fRX = 315MHz
4.0
Operating Supply
nuous Operation, fRX = 433.9 MHz
6.0
mA
Current
Conti
2
Shutdown Current
0.15
µA
Receiver
Image Rejection
25
dB
fRX = 315MHz
0.86
1 IF Center
433.92MHz
1.2
MHz
st
Frequency
fRX =
fRX = 315 MHz, 50 Ω BER=10
-2
-110
Receiver Sensitivity @
1kbps (Note 4)
fRX = 433.92MHz, 50 Ω BER=10
0
dBm
-2
-11
fRX = 315MHz
235
IF Bandwidth
= 433.92MHz
kHz
fRX
330
fRX = 315MHz
– j235
32
Antenna Input
3.92MHz
– j174
Ω
Impedance
fRX = 43
19
Receive Modulatio
Note 5
20
80
%
n
Duty Cycle
AGC Attack / De
Ratio
cay
tATTACK / tDECAY
0.1
AGC pin leakage
current
TA = 25ºC
TA = +105ºC
30
± 800
nA
nA
±
RFIN @ -40dBm
1.15
V
AGC Dynamic Range
RFIN @ -100dBm
1.70
V
Reference Oscillator
fRX = 315 MHz, Crystal Load Cap = 10pF
9.81563
Reference Oscillator
Frequency
fRX = 433.92 MHz, Crystal Load Cap = 10pF
13.52127
MHz
Reference Oscillator
Input Impedance
RO1
1.6
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com