Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219 Datasheet(PDF) 22 Page - Micrel Semiconductor

Part # MICRF219
Description  300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Check and Squelch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219 Datasheet(HTML) 22 Page - Micrel Semiconductor

Back Button MICRF219 Datasheet HTML 16Page - Micrel Semiconductor MICRF219 Datasheet HTML 17Page - Micrel Semiconductor MICRF219 Datasheet HTML 18Page - Micrel Semiconductor MICRF219 Datasheet HTML 19Page - Micrel Semiconductor MICRF219 Datasheet HTML 20Page - Micrel Semiconductor MICRF219 Datasheet HTML 21Page - Micrel Semiconductor MICRF219 Datasheet HTML 22Page - Micrel Semiconductor MICRF219 Datasheet HTML 23Page - Micrel Semiconductor MICRF219 Datasheet HTML 24Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Micrel
MICRF219
January 2009
22
M9999-011509
(408) 944-0800
QR219BPF Bill of Materi
433.92 MH
Item Reference
Qty
als,
z
Part
Description
1 ANT1
22AWG
wire
1
rigid wire
167mm (6.6”) 22AWG
2 C3
1.5pF 50
3 chip cap
1
V
060
acitor
3 C4
4.7uF 6.
5 chip cap
1
3V
080
acitor
4 C6,C5
0.1uF 16
0603 chip cap
2
V
acitor
5 C8
5.6pF 50
p cap
1
V
0603 chi
acitor
6 C10,C9
10pF 50
0603 chip cap
2
V
acitor
7 JP1,JP2,R5
7
0ohm
ip res or
5
,R6,R
0603 ch
ist
8 R1,R2,JP3,JP4
(np)
3 chip res or, not placed
4
060
ist
9 J1
CON7
7 pin connec
1
tor
10 J2
Edge mount SMA connector
1
(np)
11 L1
nH 5%
5%, 0603 SM
1
24
T inductor
12 L
3 SMT inductor
1
2
39nH 5%
5%, 060
13 R3
100kohm
0603 chip resistor
2
14 U1
MICRF219AYQS
MICRF219 chip
1
15 Y1
13.52127MHz
Crystal
1
T
BP
33.92 Hz.
QR219BPF Bill of Materials, 315 MHz
I
Part
Description
Qty
able 10. QR219
F Bill of Materials, 4
M
tem Reference
1 ANT1
22AWG
9.0”) 2AWG wire
1
rigid wire
230mm (
2
2 C3
1.8pF 50
0603 chip cap
1
V
acitor
3 C4
4.7uF 6.
ip cap
1
3V
0805 ch
acitor
4 C6,C5
0.1uF 16
3 chip cap
2
V
060
acitor
5 C8
6.8pF 50
0603 chip cap
1
V
acitor
6 C10,C9
50
0603 chip cap
2
10pF
V
acitor
7 JP1,JP2,R5
ohm
0603 chip res or
5
,R6,R7
0
ist
8 R1
0603 chip resistor, not placed
4
,R2,JP3,JP4
(np)
9 J1
CON7
7 pin connector
1
10 J2
(np)
Edge mount SMA connector
1
11 L1
39nH 5%
5%, 0603 SMT inductor
1
12 L2
68nH 5%
5%, 0603 SMT inductor
1
13 R3
100kohm
0603 chip resistor
2
14 U1
MICRF219AYQS
MICRF219 chip
1
15 Y1
9.81563MHz
Crystal
1
Table 11. QR219BPF Bill of Materials, 315 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com