Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219 Datasheet(PDF) 17 Page - Micrel Semiconductor

Part # MICRF219
Description  300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Check and Squelch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219 Datasheet(HTML) 17 Page - Micrel Semiconductor

Back Button MICRF219 Datasheet HTML 13Page - Micrel Semiconductor MICRF219 Datasheet HTML 14Page - Micrel Semiconductor MICRF219 Datasheet HTML 15Page - Micrel Semiconductor MICRF219 Datasheet HTML 16Page - Micrel Semiconductor MICRF219 Datasheet HTML 17Page - Micrel Semiconductor MICRF219 Datasheet HTML 18Page - Micrel Semiconductor MICRF219 Datasheet HTML 19Page - Micrel Semiconductor MICRF219 Datasheet HTML 20Page - Micrel Semiconductor MICRF219 Datasheet HTML 21Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Micrel
MICRF219
ycle,
Figure 12. Time-to-Good-Data After Shut Do
315MHz at Room Temperat
wn C
ure.
y th
se
in
inp
igure
High at the SCLK pin tri-states the DO pin, en bling
the external drive into the DO pin with an initial low
level. The start sequence is completed by taking
SCLK low, then high while DO is low, followed by
taking DO high, then low while SCLK is high. The
serial interface is initialized and ready to receive the
Serial Register Programming
Programming the device is accomplished b
of pins DO and SCLK. Normally, D0 (P
outputting data and needs to switch to an
made by the start sequence, as shown at F
January 2009
17
M9999-011509
(408) 944-0800
e u
10) is
ut pin
13.
a
programming data.
BIT TIME 1
BIT TIME 0
DO AS
OUTPUT
DO INPUT BITS:
T1
T2
T3
T4
T5
T8
T9
D19
“19”
“0”
“0”
D18
D1
SCLK
T6
T7
“1”
7
BIT TIME 2
nce.
Bits are serially programmed starting with the most
significant bit (MSB = D19) if all bits are being
programmed until the least significant bit (LSB =D0)
For instance, if only the desense bits D0, D1, and D2
are being programmed, then these are the only bits
that need to be programmed with the start sequence
D2, D1, D0, plus the stop sequence. Or, if only the
squelch bit D17 is needed, then the sequence must
be from start sequence, D17 through D0 plus the stop
sequence, making sure the other bits (besides D17)
is recommended that
EL1, and SQ) be kept
interface. After the
, a stop sequence (as
d the mode and
reestablish the DO pin as an output again. To do so,
pin is kept high while the DO pin changes
to high, then low again, followed by the
low. Timing of the programming bits
are not critical, but should be kept as shown below:
T1 < 0.1 us, Time from SCLK to convert DO to input
pin
T6 > 0.1 us, SCLK high time
T7 > 0.1 us, SCLK low time
.1 us
Figure 13. Serial Interface Start Seque
are programmed as needed. It
all parallel input pins (SEL0, S
high when using the serial
programming bits are finished
shown in Figure 14) is required to en
the SCLK
from low
SCLK pin made
T2, T3, T4, T5, T8, T9, T10 > 0
DO PIN AS OUTPUT
DO
D1
“1”
“0”
“1”
DO
SCLK
T10
BIT TIME 18
BIT TIME 19
Figure 14. Serial Interface Stop Sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com