Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MICRF219
Description  300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Check and Squelch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MICRF219 Datasheet HTML 9Page - Micrel Semiconductor MICRF219 Datasheet HTML 10Page - Micrel Semiconductor MICRF219 Datasheet HTML 11Page - Micrel Semiconductor MICRF219 Datasheet HTML 12Page - Micrel Semiconductor MICRF219 Datasheet HTML 13Page - Micrel Semiconductor MICRF219 Datasheet HTML 14Page - Micrel Semiconductor MICRF219 Datasheet HTML 15Page - Micrel Semiconductor MICRF219 Datasheet HTML 16Page - Micrel Semiconductor MICRF219 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Micrel
MICRF219
M9999-011509
(408) 944-0800
January 2009
13
n for best
hing point,
s to know
shows the
ggested
v
or t
t
encies.
These sugge
d value
ay be
nt if the layout
is
exactly
same
he on
here.
(MHz)
C3 (pF)
L2
Z device (Ω)
can see the impedance moving directio
values of C8 and L1 toward to central matc
like WinSmith by Noble Publishing.
To calculate the matching values, one need
the input impedance of the device. Table 3
input impedance of the MICRF219 and su
matching alues f
he mos often used frequ
ste
s m
differe
not
the
as t
e made
Freq
(nH)
315
1.8
6
33 - j235
8
390
1.5
47
23 – j199
418
1.5
43
21 – j186
433.92
1.5
39
19 – j174
Table 3. Matching values for the most used frequ
ency of 43
input impe
the matching compo
nt parallel = B = 1/Z = 0.606 +
8
Im (B)
Xp = 17
+ 1)
etwork
Lc = Xp / (2×Pi×f);
Lp = Xm / (2×Pi×f)
L2 = (Lc×Lp) / (Lc + Lp);
C3 = 1 / (2×Pi×f×Xm)
L2 = 39.8nH
C3 = 1.3pF
Doing the same calculation example with the Smith
Chart, would appear as follows,
First, one plots the input impedance of the device,
(Z = 18.6 – j174.2)Ω @ 433.92MHz.(Figure 5).
encies
dance
nents
j5.6
For the frequ
3.92MHz, the
is Z = 18.6 – j174.2Ω, then
are calculated by,
Equivale
msiemens
Rp = 1 / Re (B);
Xp = 1 /
Rp = 1.65kΩ;
6.2Ω
Q = SQRT (Rp/50
Q = 5.831
Xm = Rp / Q
Xm = 282.98Ω
Resonance Method For L-shape Matching N
Figure 5. Device’s input impedance, Z = 19 – j174Ω
Second, one plots the shunt inductor (39nH) and the
series capacitor (1.5pF) for the desired input
impedance (Figure 6). One can then see the matching
leading to the center of the Smith Chart or close to
50Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com