Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219 Datasheet(PDF) 16 Page - Micrel Semiconductor

Part # MICRF219
Description  300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Check and Squelch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219 Datasheet(HTML) 16 Page - Micrel Semiconductor

Back Button MICRF219 Datasheet HTML 12Page - Micrel Semiconductor MICRF219 Datasheet HTML 13Page - Micrel Semiconductor MICRF219 Datasheet HTML 14Page - Micrel Semiconductor MICRF219 Datasheet HTML 15Page - Micrel Semiconductor MICRF219 Datasheet HTML 16Page - Micrel Semiconductor MICRF219 Datasheet HTML 17Page - Micrel Semiconductor MICRF219 Datasheet HTML 18Page - Micrel Semiconductor MICRF219 Datasheet HTML 19Page - Micrel Semiconductor MICRF219 Datasheet HTML 20Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Micrel
MICRF219
January 2009
16
M9999-011509
(408) 944-0800
the o
a d
ean
e de
RF
and
See
d Figure 10 below. Please note that Sq
action is based on the Bitcheck operation and m
optimized using the Bitcheck Window serial re
shown in the figure below depending upon
band noise. The penalty for using squelch is
getting a good signal in the DO pin. This m
takes longer for the data to show up. Th
dep
upon many factors such as
intensity, data profile, data rate, CTH
capacitor values, and outside band noise.
9
utside
elay in
that it
lay is
signal
CAGC
Figure
uelch
ay be
gister
endent
an
setting.
Figure 9. Data Out Pin with No Squelch (SQ = 1).
Figure 10. Data Out Pin with Squelch (SQ = 0).
Other components used are C5, which is a decoupling
capacitor for the Vdd line; R3 for the shutdown pin
(SHDN = 0, device is operation), which can be
removed if that pin is connected to a microcontroller or
an external switch; and R1 and R2 which form a
voltage divider for the AGC pin. One can force a
rposely decrease the
is needed when doing
eration, as an external control of the AGC
and may not work the
omment. They are the
s. The DO pin has a
is is good enough for
he market today. The
n of the RF signal
intensity versus voltage. It is very useful to determine
RF link, crude range
ter source and AM
a low CAGC capacitor
useful to save energy.
DN = 1), the device is
t consumption is less
ve R3). When toggling
a time required for the
device to come to steady-state mode, and a time for
data to show up in the DO pin. This time will be
dependent upon many things such as temperature,
the crystal used, and if there is an external oscillator
with faster startup time. See Figure 11 and 12 for
time-to-good-data on both 433.92MHz and 315MHz
versions.
voltage in this AGC pin to pu
device sensitivity. Special care
this op
voltage may vary from lot to lot
same in several devices.
Three other pins are worthy of c
DO, RSSI, and shutdown pin
driving capability of 0.4mA. Th
most of the logic family ICs on t
RSSI pin provides a transfer functio
the signal-to-noise ratio of the
estimate from the transmit
demodulation, which requires
value.
The shutdown pin (SHDN) is
Making its level close to VDD (SH
not in operation. Its DC curren
than 1µA (do not forget to remo
from high to low, there will be
Figure 11. Time-to-Good-Data After Shut Down Cycle,
433.92MHz, Room Temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com